Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 7Page - National Semiconductor (TI) DP83907 Datasheet HTML 8Page - National Semiconductor (TI) DP83907 Datasheet HTML 9Page - National Semiconductor (TI) DP83907 Datasheet HTML 10Page - National Semiconductor (TI) DP83907 Datasheet HTML 11Page - National Semiconductor (TI) DP83907 Datasheet HTML 12Page - National Semiconductor (TI) DP83907 Datasheet HTML 13Page - National Semiconductor (TI) DP83907 Datasheet HTML 14Page - National Semiconductor (TI) DP83907 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
40 Functional Description (Continued)
On a remote read the DP83907 moves data from its internal
memory map to the IO port and the host system reads it by
using an ‘‘INW’’ or ‘‘INSW’’ instruction from the IO address
of the data transfer port If the system attempts to read the
port before DP83907 has written the next word of data to it
DP83907 will insert wait states into the system cycle using
the CHRDY line DP83907 will not begin the next memory
read until the previous word of data has been read
On a remote write the system writes data to the IO port
using an ‘‘OUTW’’ or ‘‘OUTSW’’ instruction and DP83907
moves it to its buffer memory If the system attempts to
write to the port before DP83907 has moved the data to
memory DP83907 will insert wait states into the system cy-
cle using the CHRDY line DP83907 will not begin the next
memory write until a new word has been written to the IO
port
Addresses 00H to 1FH are specified as the PROM space
for compatibility with the NE2000 Architecture This is actu-
ally an array of 8-bit registers which are loaded from an
external EEPROM after DP83907 is initialized by an ISA RE-
SET They should contain the same data as the PROM did
in the NE2000 Architecture and in the same format To
transfer the data out the user must initiate a 16-bit DMA
read transfer and discard the most significant byte of data
on each transfer
At address 00H of the PROM is a six byte Ethernet address
for this node The upper two addresses of the PROM store
contain bytes which identify whether the DP83907 is in 8-bit
or 16-bit mode For 16-bit mode these bytes both contain
the value 57H for 8-bit mode they both contain 42H
8-BIT IO PORT COMPATIBLE MODE
This mode is compatible with the 8-bit mode offered by No-
vells NE2000 Architecture The NE2000 automatically de-
tects whether it is in an 8-bit or 16-bit slot and configures
itself appropriately As explained in the previous para-
graphs the user can determine whether the board is in 8-bit
or 16-bit mode by reading the PROM In 8-bit mode only
8 Kbytes of RAM are addressable as in the 8-bit mode of
the NE2000 Architecture The IO map is the same as the
16-bit mode the memory map is shown in
Figure 5 Again
the PROM has only a partial decode so is mirrored at all
addresses up to 4000H The PROM still occupies 32 bytes
of address space although it only has 16 bytes of data as
the data at all odd address locations is merely a mirror of
the data at the previous even address location
A low cost card using only one 8 Kbyte RAM can be de-
signed If the function on MSA9 is left unconnected then
the DP83907 will always operate in 8-bit mode regardless
of the slot the board is in
0000h
PROM
0020h
Aliased PROM
4000h
8k x 8 BUFFER RAM
6000h
RESERVED
7FFFh
(a)
D15
D0
1Eh
42h
42h
1Ch
42h
42h

RESERVED
RESERVED

0Ah
E’net Address 5
E’net Address 5
08h
E’net Address 4
E’net Address 4
06h
E’net Address 3
E’net Address 3
04h
E’net Address 2
E’net Address 2
02h
E’net Address 1
E’net Address 1
00h
E’net Address 0
E’net Address 0
(b)
FIGURE 5 a) 8-Bit NIC Core’s Memory Map
b) 8-Bit PROM Map
42 POWER ON RESET OPERATION
The DP83907 configures itself after a Reset signal is ap-
plied To be recognized as a valid Power-On-Reset the Re-
set signal must be active for at least 415 ms
Figure 6 shows
how the RESET circuitry operates
TLF12082 – 6
FIGURE 6 RESET Operation
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com