Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 19Page - National Semiconductor (TI) DP83907 Datasheet HTML 20Page - National Semiconductor (TI) DP83907 Datasheet HTML 21Page - National Semiconductor (TI) DP83907 Datasheet HTML 22Page - National Semiconductor (TI) DP83907 Datasheet HTML 23Page - National Semiconductor (TI) DP83907 Datasheet HTML 24Page - National Semiconductor (TI) DP83907 Datasheet HTML 25Page - National Semiconductor (TI) DP83907 Datasheet HTML 26Page - National Semiconductor (TI) DP83907 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
50 Register Descriptions
51 CONFIGURATION REGISTERS
These registers are used to configure the operation of the DP83907 typically after power up These registers control the
configuration of bus interface setting options like interrupt selection IO base address and other specific modes
MODE CONFIGURATION REGISTER A
To prevent any accidental writes of this register it is ‘‘hidden’’ behind a previously unused register Register 0AH in the
DP83907’s Page 0 of registers was previously reserved on a read Now Configuration Register A can be read at that address
and can be written to by following a read to 0AH with a write to 0AH If any other DP83907 register accesses take place between
the read and the write then the write to 0AH will access the Remote Byte Count Register 0
76
5
4
3
2
1
0
RES
FRdWr
INT2
INT1
INT0
IOAD2
IOAD1
IOAD0
Bit
Symbol
Function
0 – 2
IOAD0 – IOAD2
IO ADDRESS
These three bits determine the base IO address of the DP83907 within the system’s
IO map The DP83907 occupies 20H bytes of the system’s address space
Bit210
0 0 0
0300H
0 0 1
Software (Note 1)
0 1 0
0240H
0 1 1
0280H
1 0 0
02C0H
1 0 1
0320H
1 1 0
0340H
1 1 1
0360H
Note 1
When 001 is selected the DP83907 will not respond to any IO Addresses but will allow 4 consecutive writes to 278H to
write these three bits of this register This sequence will only operate once after a power-on reset This mode allows the DP83907
to be configured via software without conflicting with other peripherals
3 – 5
INT0 – INT2
INTERRUPT LINE USED
Bit543
IRQ
000
3
001
4
010
5
011
9
100
10
101
11
110
12
111
15
6
FRdWR
FAST RDWR
When this bit is set high the DP83907 in IO mode will begin the next port fetch
before the current IORDIOWR has completed In slow ISA systems this may cause the data in the
port to be overwritten before the ISA cycle has been completed
7
RES
RESERVED
This bit must be set low for normal operation
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com