Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 18Page - National Semiconductor (TI) DP83907 Datasheet HTML 19Page - National Semiconductor (TI) DP83907 Datasheet HTML 20Page - National Semiconductor (TI) DP83907 Datasheet HTML 21Page - National Semiconductor (TI) DP83907 Datasheet HTML 22Page - National Semiconductor (TI) DP83907 Datasheet HTML 23Page - National Semiconductor (TI) DP83907 Datasheet HTML 24Page - National Semiconductor (TI) DP83907 Datasheet HTML 25Page - National Semiconductor (TI) DP83907 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
40 Functional Description (Continued)
Manchester Decoder
The decoder consists of a differential receiver and a PLL to
separate a Manchester encoded data stream into internal
clock signals and data The differential input must be exter-
nally terminated with two 39X resistors connected in series
if the standard 78X transceiver drop cable is used In thin
Ethernet applications these resistors are optional To pre-
vent noise from falsely triggering the decoder a squelch
circuit at the input rejects signals with levels less than
b
175 mV Signals more negative than b300 mV Data be-
comes valid typically within 6-bit times The DP83907 may
tolerate bit jitter up to 20 ns in the received data The decod-
er detects the end of a frame when no more mid-bit tran-
sitions are detected
Collision Translator
When in AUI Mode the Ethernet transceiver (DP8392 CTI)
detects a collision it generates a 10 MHz signal to the dif-
ferential collision inputs (CDg) of the DP83907 When
these inputs are detected active the DP83907 uses this
signal to back off its current transmission and reschedule
another one
In this mode the COL
led output will indicate when the
CDa lines are active during activity on the network This
means it will correctly indicate any collision on the network
but will not be lit for heartbeat or if there is no cable con-
nected
The collision differential inputs are terminated the same way
as the differential receive inputs The squelch circuitry is
also similar rejecting pulses levels less than b175 mV
AVCC Power Supply Consideration
The AVCC pin is the a5V power supply for the phase lock
loop (PLL) of the ENDEC unit Since this is an analog circuit
excessive noise on the AVCC pin can affect the perform-
ance of the PLL This noise if in the 10 KHz – 400 KHz
range can reduce the jitter performance of the ENDEC re-
sulting in missing packets or CRC errors
If the power supply noise is causing significant packet re-
ception error a low pass filter could be added to reduce the
power supply noise and hence improve the jitter perform-
ance Standard analog design techniques should be utilized
when laying out the power supply traces on the board If the
digital power supply is used it may be desirable to add a
one pole RC filter (designed to have a cut-off frequency of
1 KHz) as shown in
Figure 22 to improve the jitter perform-
ance The AVCC draws 3 mA–4 mA so the voltage across
the resister is less than 90 mV which will not affect the
PLL’s operation
TLF12082 – 17
FIGURE 22 Filtering Power Supply Noise
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com