Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 32Page - National Semiconductor (TI) DP83907 Datasheet HTML 33Page - National Semiconductor (TI) DP83907 Datasheet HTML 34Page - National Semiconductor (TI) DP83907 Datasheet HTML 35Page - National Semiconductor (TI) DP83907 Datasheet HTML 36Page - National Semiconductor (TI) DP83907 Datasheet HTML 37Page - National Semiconductor (TI) DP83907 Datasheet HTML 38Page - National Semiconductor (TI) DP83907 Datasheet HTML 39Page - National Semiconductor (TI) DP83907 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
50 Register Descriptions (Continued)
RECEIVE CONFIGURATION REGISTER (RCR)
0CH (WRITE)
This register determines operation of the DP83907 during reception of a packet and is used to program what types of packets to
accept
76
5
4
3
2
1
0
MON
PRO
AM
AB
AR
SEP
Bits
Symbols
Description
D0
SEP
SAVE ERRORED PACKETS
0 Packets with receive errors are rejected
1 Packets with receive errors are accepted Receive errors are CRC and Frame Alignment errors
D1
AR
ACCEPT RUNT PACKETS
This bit allows the receiver to accept packets that are smaller than 64
bytes The packet must be at least 8 bytes long to be accepted as a runt
0 Packets with fewer than 64 bytes rejected
1 Packets with fewer than 64 bytes accepted
D2
AB
ACCEPT BROADCAST
Enables the receiver to accept a packet with an all 1’s destination address
0 Packets with broadcast destination address rejected
1 Packets with broadcast destination address accepted
D3
AM
ACCEPT MULTICAST
Enables the receiver to accept a packet with a multicast address all multicast
addresses must pass the hashing array
0 Packets with multicast destination address not checked
1 Packets with multicast destination address checked
D4
PRO
PROMISCUOUS PHYSICAL
Enables the receiver to accept all packets with a physical address
0 Physical address of node must match the station address programmed in PAR0–PAR5
1 All packets with physical addresses accepted
D5
Reserved
Reserved (program to 0)
D6
Reserved
Reserved
D7
Reserved
Reserved
Note
D2 and D3 are ‘‘OR’d’’ together ie if D2 and D3 are set the DP83907 will accept broadcast and multicast addresses as well as its own physIcal address To
establish full promiscuous mode bits D2 D3 and D4 should be set In addition the multicast hashing array must be set to all 1’s in order to accept all multicast
addresses
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com