Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 17Page - National Semiconductor (TI) DP83907 Datasheet HTML 18Page - National Semiconductor (TI) DP83907 Datasheet HTML 19Page - National Semiconductor (TI) DP83907 Datasheet HTML 20Page - National Semiconductor (TI) DP83907 Datasheet HTML 21Page - National Semiconductor (TI) DP83907 Datasheet HTML 22Page - National Semiconductor (TI) DP83907 Datasheet HTML 23Page - National Semiconductor (TI) DP83907 Datasheet HTML 24Page - National Semiconductor (TI) DP83907 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
40 Functional Description (Continued)
If a crystal is connected to the DP83907 it is recommended
that the circuit shown in
Figure 19 be used and that the
components used meet the following
Crystal XT1 AT cut parallel resonant crystal
Series Resistance s 25X
Specified Load Capacitance s 20 pF
Accuracy 0005% (50 ppm)
Typical Load 50 mW–75 mW
The recommended values for capacitors C1 and C2 should
be 26 pF minus the board capacitance on that pin There-
fore if both X1 and X2 have 4 pF of board capacitance then
a 22 pF capacitor should be used
According to the IEEE 8023 standard the entire oscillator
circuit (crystal and amplifier) must be accurate to 001%
When using a crystal the X2 pin is not guaranteed to pro-
vide a TTL compatible logic output and should not be used
to drive external standard logic If additional logic needs to
be driven then an external oscillator should be used as
described in the following section
Oscillator Module Operation
If the designer wishes to use a crystal clock oscillator one
that provides the following should be employed
1) TTL or CMOS output with a 001% frequency tolerance
2) 40 – 60% duty cycle
The circuit is shown in
Figure 20 When using a clock oscil-
lator it is recommended that the designer connect the oscil-
lator output to the X1 pin and leave the X2 pin floating
TLF12082 – 15
FIGURE 20 DP83907 Connection for Oscillator Module
Manchester Encoder and DIfferential Driver
The differential transmit pair on the secondary of the em-
ployed transformer drives up to 50 meters of twisted pair
AUI cable
The DP83907 allows full-step to be compatible with IEEE
8023 Transmita and Transmitb are equal in the idle
state providing zero differential voltage to operate with
transformer coupled loads
TLF12082 – 16
FIGURE 21 Connection from DP83907’s AUI Port to a AUI Connector
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com