Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 14Page - National Semiconductor (TI) DP83907 Datasheet HTML 15Page - National Semiconductor (TI) DP83907 Datasheet HTML 16Page - National Semiconductor (TI) DP83907 Datasheet HTML 17Page - National Semiconductor (TI) DP83907 Datasheet HTML 18Page - National Semiconductor (TI) DP83907 Datasheet HTML 19Page - National Semiconductor (TI) DP83907 Datasheet HTML 20Page - National Semiconductor (TI) DP83907 Datasheet HTML 21Page - National Semiconductor (TI) DP83907 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
40 Functional Description (Continued)
Transmitter
The transmitter consists of four signals the true and compli-
ment Manchester encoded data (TXOg) and these signals
delayed by 50 ns (TXOdg)
These four signals are resistively combined TXOa with
TXOdb and TXOb with TXOda This is known as digital
pre-emphasis and is required to compensate for the twisted
pair cable which acts like a low pass filter causing greater
attenuation to the 10 MHz (50 ns) pulses of the Manchester
encoded waveform than the 5 MHz (100 ns) pulses
An example of how these signals are combined is shown in
the following diagram
TLF12082 – 10
FIGURE 15 Typical Summed Transmit Waveform
The signal with pre-emphasis shown above is generated by
resistively combining TXOa and TXOdb This signal along
with its compliment is passed to the transmit filter
TLF12082 – 11
FIGURE 16a Circuitry to Connect DP83907 to Twisted Pair Cable with External Filter
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com