Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 16Page - National Semiconductor (TI) DP83907 Datasheet HTML 17Page - National Semiconductor (TI) DP83907 Datasheet HTML 18Page - National Semiconductor (TI) DP83907 Datasheet HTML 19Page - National Semiconductor (TI) DP83907 Datasheet HTML 20Page - National Semiconductor (TI) DP83907 Datasheet HTML 21Page - National Semiconductor (TI) DP83907 Datasheet HTML 22Page - National Semiconductor (TI) DP83907 Datasheet HTML 23Page - National Semiconductor (TI) DP83907 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
40 Functional Description (Continued)
TLF12082 – 13
FIGURE 18 EncoderDecode Block Diagram
410 ENCODERDECODER (ENDEC) MODULE
The ENDEC consists of four main logical blocks
a) The oscillator generates the 10 MHz transmit clock sig-
nal for system timing
b) The Manchester encoder accepts NRZ data from the
controller encodes the data to Manchester and trans-
mits the data differentially to the transceiver through the
differential transmit driver
c) The Manchester decoder receives Manchester data from
the transceiver converts it to NRZ data and clock puls-
es and sends it to the controller
d) The collision translator indicates to the controller the
presence of a valid 10 MHz collision signal to the PLL
Oscillator
The oscillator is controlled by a 20 MHz parallel resonant
crystal connected between X1 and X2 or by an external
clock on X1 The 20 MHz output of the oscillator is divided
by 2 to generate the 10 MHz transmit clock for the control-
ler The oscillator also provides internal clock signals to the
encoding and decoding circuits
CRYSTAL OPERATION
If the crystal used with the internal oscillator circuit is not
properly selected the DP83907 oscillator may not reliably
start oscillation under all conditions
If this occurs it could be deceiving to a designer since his
prototypes may work fine However when the designer
does qualification testing or starts production he may en-
counter a higher than expected board yield loss due to the
oscillator not starting
The DP83907’s oscillator circuit
clocks the Encoder-Decoder logic The DP83907’s oscilla-
tor also clocks the twisted pair interface block If the oscilla-
tor does not start the DP83907 will not be able to transmit
or receive
TLF12082 – 14
FIGURE 19 Crystal Connection to DP83907
(see text for component values)
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com