Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 44Page - National Semiconductor (TI) DP83907 Datasheet HTML 45Page - National Semiconductor (TI) DP83907 Datasheet HTML 46Page - National Semiconductor (TI) DP83907 Datasheet HTML 47Page - National Semiconductor (TI) DP83907 Datasheet HTML 48Page - National Semiconductor (TI) DP83907 Datasheet HTML 49Page - National Semiconductor (TI) DP83907 Datasheet HTML 50Page - National Semiconductor (TI) DP83907 Datasheet HTML 51Page - National Semiconductor (TI) DP83907 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
60 Operation of DP83907 (Continued)
65 LOOPBACK DIAGNOSTICS
Three forms of local Ioopback are provided on the
DP83907 The user has the ability to loopback through the
deserializer on the controller through the ENDEC module or
transceiver Because of the half duplex architecture of
the DP83907 loopback testing Is a special mode of op-
eration with the following restrictions
Restrictions During Loopback
The FlFO is split into two halves one half is used for trans-
mission the other for reception Only 8-bit fields can be
fetched from memory so two tests are required for 16-bit
systems to verify integrity of the entire data path During
loopback the maximum latency to obtain access to the buff-
er memory is 20 ms Systems that wish to use the loopback
test yet do not meet this latency can limit the loopback
packet to 7 bytes without experiencing underflow Only the
last 8 bytes of the loopback packet are retained in the FlFO
The last 8 bytes can be read through the FIFO register
which will advance through the FIFO to allow reading the
receive packet sequentially
Destination Address
e
6 bytes Station Physical
Address
Source Address
e
6 bytes Station Physical
Address
Length
2 bytes
Data
e
46 to 1500 bytes
CRC
Appended by DP8307
Controller if CRC e 0inTCR
When in word-wide mode with Byte Order Select set the
loopback packet must be assembled in the even byte loca-
tions as shown below (The loopback only operated with
byte wide transfers)
LS Byte (D8–D15)
MS Byte (D0–D7)
Destination
Source
Length
Data
CRS
WTS e 1
BOS e 1
(DCR Bits)
When in word-wide mode with Byte Order Select low the
following format must be used for the loopback packet
MS Byte (D8–D15)
LS Byte (D0–D7)
Destination
Source
Length
Data
CRS
WTS e1
BOS e 0
(DCR Bits)
Note
When using loopback in word mode 2n bytes must be programmed in
the TBCR0 1 When n e actual number of bytes assembled in even
or odd location
To initiate a loopback the user first assembles the loopback
packet then selects the type of loopback using the Transmit
Configuration register bits LB0 LB1 The transmit configura-
tion register must also be set to enable or disable CRC gen-
eration during transmission The user then issues a normal
transmit command to send the packet During loopback the
receiver checks for an address match and if CRC bit in the
TCR is set the receiver will also check the CRC The last 8
bytes of the loopback packet are buffered and can read out
of the FlFO using FlFO read port
Loopback Modes
MODE1
Loopback Through the DP83907 Controller Mod-
ule (LB1 e 0 LB0 e 1) If this loopback is used The
DP83907 Module’s serializer is connected to the deserializ-
er
MODE 2
Loopback Through the ENDEC Module (LB1 e 1
LB0 e 0) If the loopback is to be performed through the
SNI the DP83907 provides a control (LPBK) that forces the
ENDEC module to loopback all signals
MODE 3
Loopback to the external coax interface or twisted
pair interface module (LB1 e 1 LB0 e 1)
Packets can be transmitted to the cable in loopback mode
to check all of the transmit and receive paths and the cable
itself If in twisted pair mode there is a link fail the transmit-
ter will be disabled which could give misleading results in
Mode 3 The link integrity should be checked by reading
Configuration Register B before this test
Reading the Loopback Packet
The last eight bytes of a received packet can be examined
by 8 consecutive reads of the FlFO register The FIFO point-
er is increment after the rising edge of the CPU’s read
strobe by internally synchronizing and advancing the point-
er This may take up to four bus clock cycles if the pointer
has not been incremented by the time the CPU reads the
FIFO register again the DP83907 will insert wait states
Note
The FIFO may only be read during Loopback Reading the FIFO at
any other time will cause the DP83907 to malfunction
Alignment of the Received Packet In the FIFO
Reception of the packet in the FIFO begins at location zero
after the FIFO pointer reaches the last location in the FlFO
the pointer wraps to the top of the FlFO overwriting the
previously received data This process continued until the
last byte is received The DP83907 then appends the re-
ceived byte count in the next two locations of the FIFO The
contents of the Upper Byte Count are also copied to the
next FlFO location The number of bytes used in the loop-
back packet determined the alignment of the packet in the
FlFO The alignment for a 64-byte packet is shown below
FIFO
FIFO Contents
Location
0
Lower Byte Count
x
First Byte Read
1
Upper Byte Count
x
Second Byte Read
2
Upper Byte Count

3
Last Byte

4
CRC1

5
CRC2

6
CRC3

7
CRC4
x
Last Byte Read
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com