Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 6Page - National Semiconductor (TI) DP83907 Datasheet HTML 7Page - National Semiconductor (TI) DP83907 Datasheet HTML 8Page - National Semiconductor (TI) DP83907 Datasheet HTML 9Page - National Semiconductor (TI) DP83907 Datasheet HTML 10Page - National Semiconductor (TI) DP83907 Datasheet HTML 11Page - National Semiconductor (TI) DP83907 Datasheet HTML 12Page - National Semiconductor (TI) DP83907 Datasheet HTML 13Page - National Semiconductor (TI) DP83907 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
40 Functional Description (Continued)
TLF12082 – 5
FIGURE 2 IO Port
The DP83907’s internal memory map is accessed one byte
or word at a time via a port within the systems IO space
DP83907 is programmed by the user to control the transfers
between its internal memory and the IO port
The
DP83907’s internal registers and the memory access port
are accessed within the system’s IO map The address
within this IO map is set by Configuration Register A
16-BIT IO PORT COMPATIBLE MODE IO ADDRESS
MAPPING
This mode is compatible with Novell’s NE2000 Architecture
The base IO address of DP83907 is configured by Configu-
ration Register A (either upon power up or by software writ-
ing to this register) At the base IO address the following
stwcture appears
Base a 00h
DP8390
Core
Register
Base a 0Fh
Base a 10h
Data Transfer
Base a17h
Port
Base a 18h
Reset Port
Base a 1Fh
FIGURE 3 IO Port Mode Register IO Map
The DP83907 register space within this area are 8 bits wide
but the data transfer port is 16 bits wide The DP83907’s
registers can be programmed to control the passing of data
between its internal memory and the data transfer port By
accessing the data transfer port (using IO instructions) the
user can transfer data to or from the DP83907’s internal
memory The DP83907’s internal memory map is as shown
below
0000h
D15
D0
001Fh
00
PROM
Aliased PROM
4000h
8kx16
7FFFh
Buffer RAM
8000h
Aliased PROM
C000h
Aliased
Buffer RAM
FFFh
(a)
D15
D0
001Eh
00
57h
001Ch
00
57h

00
RESERVED

00Ah
00
E’net Address 5
0008h
00
E’net Address 4
0006h
00
E’net Address 3
0004h
00
E’net Address 2
0002h
00
E’net Address 1
0000h
00
E’net Address 0
(b)
FIGURE 4 a) NIC Core’s 16-Bit Memory Map
b) 16-Bit PROM Map
DP83907 has a 64k address range but only does partial
decoding through this space The PROM data is mirrored
from all decodes up to 4000H and the entire map is repeat-
ed at 8000H To access either the PROM or the RAM the
user must initiate a Remote DMA transfer between the IO
port and memory
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com