Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 48Page - National Semiconductor (TI) DP83907 Datasheet HTML 49Page - National Semiconductor (TI) DP83907 Datasheet HTML 50Page - National Semiconductor (TI) DP83907 Datasheet HTML 51Page - National Semiconductor (TI) DP83907 Datasheet HTML 52Page - National Semiconductor (TI) DP83907 Datasheet HTML 53Page - National Semiconductor (TI) DP83907 Datasheet HTML 54Page - National Semiconductor (TI) DP83907 Datasheet HTML 55Page - National Semiconductor (TI) DP83907 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
60 Operation of DP83907 (Continued)
TLF12082 – 35
FIGURE 40 Remote DMA Auto Initialization from Buffer Ring
next
pkt e Next Page Pointer
BNDRY e Next Page Pointer b 1
If BNDRY k PSTART then BNDRY e PSTOP b 1
Note the size of the Receive Buffer Ring is reduced by one
256-byte buffer this will not however impede the operation
of the DP83907 The advantage of this scheme is that it
easily differentiates between buffer full and buffer empty it
is full if BNDRY e CURR empty when BNDRY e CURR-1
If in IO mode send packet is used to empty the buffer ring
this scheme cannot be used BNDRY must be initialized
equal to CURR or the first executed send packet will not
return data from the received packet which will be written at
CURR The Overwrite Warning bit of the Interrupt Status
Register must be used in this mode to differentiate between
buffer full and buffer empty
IO REMOTE DMA COMMANDS
The Remote DMA channel is used in the IO Mode to both
assemble packets for transmission and to remove received
packets from the Receive Buffer Ring It may also be used
for moving blocks of data or commands between host mem-
ory and local buffer memory (In Shared Memory Mode the
Remote DMA should be disabled and not used Packet
transfer tofrom the system is accomplished by normal CPU
readwrite operations)
There are three modes of Remote DMA operation Remote
Write Remote Read or Send Packet
Two register pairs are used to control the Remote DMA a
Remote Start Address (RSAR0 RSAR1) and a Remote
Byte Count (RBCRO RBCR1) register pair The Start Ad-
dress Register pair points to the beginning of the block to be
moved while the Byte Count Register pair is used to indicate
the number of bytes to be transferred Full handshake logic
is provided to move data between local buffer memory and
a bi-directional IO port
Remote Write
A Remote Write transfer is used to move a
block of data from the host into local buffer memory The
Remote DMA will read data from the IO port and sequen-
tially write it to local buffer memory beginning at the Remote
Start Address The DMA Address will be incremented and
the Byte Counter will be decremented after each transfer
The DMA is terminated when the Remote Byte Count Regis-
ter reaches a count of zero
Remote Read
A Remote Read transfer is used to move a
block of data from local buffer memory to the host The
Remote DMA will sequentially read data from the local buff-
er memory beginning at the Remote Start Address and
write data to the IO port
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com