Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83907 Datasheet HTML 1Page - National Semiconductor (TI) DP83907 Datasheet HTML 2Page - National Semiconductor (TI) DP83907 Datasheet HTML 3Page - National Semiconductor (TI) DP83907 Datasheet HTML 4Page - National Semiconductor (TI) DP83907 Datasheet HTML 5Page - National Semiconductor (TI) DP83907 Datasheet HTML 6Page - National Semiconductor (TI) DP83907 Datasheet HTML 7Page - National Semiconductor (TI) DP83907 Datasheet HTML 8Page - National Semiconductor (TI) DP83907 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
20 Pin Description (Continued)
Pin No
Pin Name
Type
Description
NETWORK INTERFACE PINS
44 – 47
TxOda TXOb
O
TWISTED PAIR TRANSMIT OUTPUTS
These high drive CMOS level outputs are
resistively combined external to the chip to produce a differential output signal with
TXOa TXOdb
TPI
equalization to compensate for Intersymbol Interference (ISI) on the twisted pair medium
42 43
RXIa RXIb
I
TWISTED PAIR RECEIVE INPUTS
These inputs feed a differential amplifier which passes
valid data to the ENDEC module
TPI
33 34
TXb
O
AUI TRANSMIT OUTPUT
Differential driver which sends the encoded data to the
transceiver
TXa
AUI
36 37
RXb
I
AUI RECEIVE INPUT
Differential receive input pair from the transceiver
RXa
AUI
38 39
CDb
I
AUI COLLISION INPUT
Differential collision pair input from the transceiver
CDa
AUI
55
ACT
led
O
ACTIVITY
An open-drain active low output It is asserted for approximately 50 ms
whenever the DP83907 transmits or receives data in either AUI or TPI modes
LED
56
COL
led
O
COLLISION
An open-drain active low output It is asserted for approximately 50 ms
whenever the DP83907 detects a collision in either either AUI or TPI modes
LED
54
GDLNK
led
O
GOOD LINK
An open-drain active low output This pin operates as an output to display link
integrity status if this function has not been disabled by the GDLNK bit in Configuratioin
LED
Register B
This output is off if the DP83907 is in AUI mode or if link testing is enabled and the link
integrity is bad (ie the twisted pair link has been broken)
This output is on if the DP83907 is in Twisted Pair interface (TPI) mode link integrity
checking is enabled and the link integrity is good (ie the twisted pair link has not been
broken) or if the link testing is disabled
53
REQ
I
EQUALIZATION RESISTOR
A resistor can be connected from this pin to GND or VCC to
change the equalization of the TP output
52
RTX
I
TRANSMIT LEVEL RESISTOR
A resistor can be connected from this pin to GND or VCC to
change the TP output amplitude level
59
X1 (OSCIN)
I
CRYSTAL ON EXTERNAL OSCILLATOR INPUT
XTAL
58
X2 (OSCOUT)
O
CRYSTAL FEEDBACK OUTPUT
Used in crystal connections only Should be left
unconnected when using an oscillator module
XTAL
31
THIN
O
THIN CABLE
This output is high if DP83907 is configured for thin cable It can be used to
enable the DC-DC converter required by the thin Ethernet configuration
DCDC
Note
Driver Types are I e Input O e Output IO e Bi-directional Output OCH e Open Collector 3ST e TRI-STATE Output TTL e TTL Compatible
AUI e Attachment Unit Interface TPI e Twisted Pair Interface LED e LED Drive MOS e CMOS Level Compatible XTAL e Crystal
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com