Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 3Page - National Semiconductor (TI) DP83907 Datasheet HTML 4Page - National Semiconductor (TI) DP83907 Datasheet HTML 5Page - National Semiconductor (TI) DP83907 Datasheet HTML 6Page - National Semiconductor (TI) DP83907 Datasheet HTML 7Page - National Semiconductor (TI) DP83907 Datasheet HTML 8Page - National Semiconductor (TI) DP83907 Datasheet HTML 9Page - National Semiconductor (TI) DP83907 Datasheet HTML 10Page - National Semiconductor (TI) DP83907 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
20 Pin Description (Continued)
Pin No
Pin Name
Type
Description
EXTERNAL MEMORY SUPPORT
(Continued)
95
RCS
O
RAM CHIP SELECT
Drives the chip select of the external RAM
MOS
97
BPCS
O
BOOT PROM CHIP SELECT
Selects the boot PROM on the memory support data bus
This is for READ only
MOS
96
EECS
O
EEPROM CHIP SELECT
Strobes data from the EEPROM onto the memory support
data bus
MOS
POWER SUPPLY PINS
40
AVCC
ANALOG 5V SUPPLY PIN
This pin supplies 5V to the DP83907’s analog circuitry To
maximize data recovery it is recommended that analog layout and decoupling rules be
applied between this pin and AGND
41
AGND
ANALOG NEGATIVE (GROUND) SUPPLY PIN
35 48
XVCC TPVCC
PHYSICAL MEDIA 5V SUPPLY PINS
This pin supplies 5V to the DP83907’s analog
physical media interface circuitry
32 49
XGND TPGND
PHYSICAL MEDIA NEGATIVE (GROUND) SUPPLY PINS
This pin is the ground to the
DP83907’s analog physical media interface circuitry
26 109
coreVCC
POSITIVE 5V SUPPLY PINS
These pins suppy power to the DP83907
27 110
coreGND
NEGATIVE (GROUND) SUPPLY PINS
These are the supply pins for the DP83907 It is
suggested that decoupling capacitors be connected between the VCC and GND pins It
is essential to provide a path to ground for the GND pins with the lowest possible
impedance
20 70 103
VCC
POSITIVE 5V SUPPLY PINS
These pins supply power to the DP83907 Output Drivers
eg SD MSD MSA Chip selects
14 17 23
GND
NEGATIVE (GROUND) SUPPLY PINS
These are the supply pins for the DP83907
Drivers It is suggested that decoupling capacitors be connected between the VCC and
28 57 75
GND pins It is essential to provide a path to ground for the GND pins with the lowest
100 106113
possible impedance
116 131
Note
Driver Types are I e Input O e Output IO e Bi-directional Output OCH e Open Collector 3ST e TRI-STATE Output TTL e TTL Compatible
AUI e Attachment Unit Interface TPI e Twisted Pair Interface LED e LED Drive MOS e CMOS Level Compatible XTAL e Crystal
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com