Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 13Page - National Semiconductor (TI) DP83907 Datasheet HTML 14Page - National Semiconductor (TI) DP83907 Datasheet HTML 15Page - National Semiconductor (TI) DP83907 Datasheet HTML 16Page - National Semiconductor (TI) DP83907 Datasheet HTML 17Page - National Semiconductor (TI) DP83907 Datasheet HTML 18Page - National Semiconductor (TI) DP83907 Datasheet HTML 19Page - National Semiconductor (TI) DP83907 Datasheet HTML 20Page - National Semiconductor (TI) DP83907 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
40 Functional Description (Continued)
Receiver and Smart Squelch
The DP83907 implements an intelligent receive squelch on
the RXIg differential inputs to ensure that impulse noise on
the receive inputs will not be mistaken for a valid signal
The squelch circuitry employs a combination of amplitude
and timing measurements to determine the validity of data
on the twisted pair inputs There are two voltage level op-
tions for the smart squelch One mode 10BASE-T mode
uses levels that meet the 10BASE-T specification The sec-
ond mode reduced squelch mode uses a lower squelch
threshold level and can be used in longer cable applica-
tions where due to attenuation smaller signal levels may be
present The squelch level mode can be selected in the
DP83907 configuration registers
Figure 14 shows the operation of the smart squelch in
10BASE-T mode
The signal at the start of packet is checked by the smart
squelch and any pulses not exceeding the squelch level
(either positive or negative depending upon polarity) will be
rejected Once this first squelch level is overcome correctly
the opposite squelch level must then be exceeded within
150 ns later Finally the signal must exceed the original
squelch level within a further 150 ns to ensure that the input
waveform will not be rejected The checking procedure re-
sults in the loss of typically three bits at the beginning of
each packet
Only after all these conditions have been satisfied will a
control signal be generated to indicate to the remainder of
the circuitry that valid data is present At this time the smart
squelch circuitry is reset
In the reduced squelch mode the operation is identical ex-
cept that the lower squelch levels shown in the figure are
used
Valid data is considered to be present until either squelch
level has not been generated for a time longer than 150 ns
indicating End of Packet Once good data has been detect-
ed the squelch levels are reduced to minimize the effect of
noise causing premature End of Packet detection
Collision
A collision is detected by the TPI module when the receive
and transmit channels are active simultaneously If the TPI
is receiving when a collision is detected it is reported to the
controller immediately If however the TPI is transmitting
when a collision is detected the collision is not reported until
seven bits have been received while in the collision state
This prevents a collision being reported incorrectly due to
noise on the network The signal to the controller remains
for the duration of the collision
Approximately 1 msec after the transmission of each packet
a signal called the Signal Quality Error (SQE) consisting of
typically 10 cycles of 10 MHz is generated This 10 MHz
signal also called the Heartbeat ensures the continued
functioning of the collision circuitry
Link DetectorGenerator
The link generator is a timer circuit that generates a link
pulse as defined by the 10 Base-T specification that will be
generated by the transmitter section The pulse which is 100
ns wide is transmitted on the TXOa output every 16 ms in
the absence of transmit data
The pulse is used to check the integrity of the connection to
the remote MAU The link detection circuit checks for valid
pulses from the remote MAU and if valid link pulses are not
received the link detector will disable the transmit receive
and collision detection functions
The GDLNK output can directly drive a LED to show that
there is a good twisted pair link For normal conditions the
LED will be on The link integrity function can be disabled by
setting the GDLNK bit of Configuration Register B
Jabber
The jabber timer monitors the transmitter and disables the
transmission if the transmitter is active for greater than 26
ms The transmitter is then disabled for the whole time that
the Endec module’s internal transmit enable is asserted
This signal has to be deasserted for approximately 750 ms
(the unjab time) before the Jabber re-enables the transmit
outputs
TLF12082 – 9
FIGURE 14 Twisted Pair Squelch Waveform
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com