Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP83907 Datasheet HTML 1Page - National Semiconductor (TI) DP83907 Datasheet HTML 2Page - National Semiconductor (TI) DP83907 Datasheet HTML 3Page - National Semiconductor (TI) DP83907 Datasheet HTML 4Page - National Semiconductor (TI) DP83907 Datasheet HTML 5Page - National Semiconductor (TI) DP83907 Datasheet HTML 6Page - National Semiconductor (TI) DP83907 Datasheet HTML 7Page - National Semiconductor (TI) DP83907 Datasheet HTML 8Page - National Semiconductor (TI) DP83907 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
20 Pin Description
Pin No
Pin Name
Type
Description
ISA BUS INTERFACE PINS
119 – 127
SA0 – SA9
I
LATCHED ADDRESS BUS
Low-order 10 bits of the system’s latched 20-bit address
bus These bits are used to decode accesses to the DP83907’s IO map
132
TTL
1 – 7
SA13 – SA19
I
LATCHED ADDRESS BUS
7 bits of the system’s latched 20-bit address bus that are
used to decode accesses to the DP83907’s boot PROM
TTL
10 11
SMRD
I
BOOT PROM STROBES
These inputs are used to access the BOOT PROM
SMWR
TTL
15 16 18
SD0 – SD7
IO
SYSTEM DATA BUS
16-bit system data bus Used to transfer data between the
system and the DP83907
19 21 22
SD8 – SD15
3ST
24 25 98
99 101 102
104 105 107
108
118
IOCS16
O
16 BIT IO TRANSFER
This signal indicates that the DP83907 is responding to a 16-
bit IO access by driving 16 bits of data on the bus
OCH
9
IOWR
I
IO WRITE STROBE
Strobe from system to write to the DP83907’s IO map
TTL
8
IORD
I
IO READ STROBE
Strobe from system to read from the DP83907’s IO map
TTL
30
RESET
I
RESET
This signal is output by the system to reset all devices on the bus
TTL
13
CHRDY
O
CHANNEL READY
This signal is used to insert wait states into system accesses
OCH
12
AEN
I
DMA ACTIVE
This signal indicates that the systems DMA has control of the bus
TTL
29 111
IRQ3 4 5 9 10
O
INTERRUPT REQUEST
The operation of these outputs is determined by
Configuration Register A
112 114
11 12 15
3ST
115 128
129 130
Note
Driver Types are I e Input O e Output IO e Bi-directional Output OCH e Open Collector 3ST e TRI-STATE
Output TTL e TTL Compatible
AUI e Attachment Unit Interface TPI e Twisted Pair Interface LED e LED Drive MOS e CMOS Level Compatible XTAL e Crystal
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com