Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 26Page - National Semiconductor (TI) DP83907 Datasheet HTML 27Page - National Semiconductor (TI) DP83907 Datasheet HTML 28Page - National Semiconductor (TI) DP83907 Datasheet HTML 29Page - National Semiconductor (TI) DP83907 Datasheet HTML 30Page - National Semiconductor (TI) DP83907 Datasheet HTML 31Page - National Semiconductor (TI) DP83907 Datasheet HTML 32Page - National Semiconductor (TI) DP83907 Datasheet HTML 33Page - National Semiconductor (TI) DP83907 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
50 Register Descriptions (Continued)
COMMAND REGISTER (CR)
00H (READWRITE)
The Command Register is used to initiate transmissions enable or disable Remote DMA operations and to select register
pages To issue a command the microprocessor sets the corresponding bit(s) (RD2 RD1 RD0 TXP) Further commands may
be overlapped but with the following rules (1) If a transmit command overlaps with a remote DMA operation bits RD0 RD1
and RD2 must be maintained for the remote DMA command when setting the TXP bit Note if a remote DMA command is re-is-
sued when giving the transmit command the DMA will complete immediately if the remote byte count register has not been re-
initialized (2) If a remote DMA operation overlaps a transmission RD0 RD1 and RD2 may be written with the desired values
and a ‘‘0’’ written to the TXP bit Writing a ‘‘0’’ to this bit has no effect (3) A remote write DMA may not overlap remote read
operation or vice versa Either of these operations must either complete or be aborted before the other operation may start Bits
PS1 PS0 RD2 and STP may be set any time
76
5
4
3
2
1
0
PS1
PS0
RD2
RD1
RD0
TXP
STA
STP
Bit
Symbol
Description
D0
STP
STOP
Software reset command takes the controller off-line no packets will be received or transmitted
Any reception or transmission in progress will continue to completion before entering the reset state To
exit this state the STP bit must be reset and the STA bit must be set high To perform a software reset
this bit should be set high The software reset has executed only when indicated by the RST bit in the
ISR being set to 1 STP powers up high
Note
If the DP83907 has previously been in start mode and the STP is set both the STP and STA bits will remain set
D1
STA
START
This bit is used to activate the NIC Core after either power up or when the NIC Core has been
placed in a reset mode by software command or error STA powers up low
D2
TXP
TRANSMIT PACKET
This bit must be set to initiate transmission of a packet TXP is internally reset
either after the transmission is completed or aborted This bit should be set only after the Transmit Byte
Count and Transmit Page Start registers have been programmed
D3 – D5
RD0 – RD2
REMOTE DMA COMMAND
These three encoded bits control operation of the Remote DMA channel
RD2 can be set to abort any Remote DMA command in progress The Remote Byte Count Registers
should be cleared when a Remote DMA has been aborted The Remote Start Addresses are not
restored to the starting address if the Remote DMA is aborted
RD2
RD1
RD0
0
0
0
Not Allowed
0
0
1
Remote Read
0
1
0
Remote Write (Note 2)
0
1
1
Send Packet
1
X
X
AbortComplete Remote DMA (Note 1)
Note 1
If a remote DMA operation is aborted and the remote byte count has not decremented to zero the data transfer port should
be read for a remote read or send packet or written to for a remote write This is required to ensure future correct operation
D6 D7
PS0 PS1
PAGE SELECT
These two encoded bits select which register page is to be accessed with addresses
RA0–3
PS1
PS0
0
0
Register Page 0
0
1
Register Page 1
1
0
Register Page 2
1
1
Reserved
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com