Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83907 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83907
Description  AT/LANTIC??II
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83907 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83907 Datasheet HTML 2Page - National Semiconductor (TI) DP83907 Datasheet HTML 3Page - National Semiconductor (TI) DP83907 Datasheet HTML 4Page - National Semiconductor (TI) DP83907 Datasheet HTML 5Page - National Semiconductor (TI) DP83907 Datasheet HTML 6Page - National Semiconductor (TI) DP83907 Datasheet HTML 7Page - National Semiconductor (TI) DP83907 Datasheet HTML 8Page - National Semiconductor (TI) DP83907 Datasheet HTML 9Page - National Semiconductor (TI) DP83907 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
20 Pin Description (Continued)
Pin No
Pin Name
Type
Description
EXTERNAL MEMORY SUPPORT
87–94
MSD0–7 or
I O–I–O
MEMORY SUPPORT DATA BUSCONFIGURATION REGISTER A INPUT EEPROM
SIGNALS
CA0 – 7 or
MOS
MSD0 – 7 When RESET is inactive these pins are used to access external memory and boot
DO DI SK
PROM
CA0 – 7 When RESET is active Configuration Register A is loaded with the data value on
these pins If the user puts an external pull-up on any of these pins then the corresponding
register bit is set to a 1 If the pin is left unconnected then the register bit is 0
DO DI SK When RESET goes from an active to an inactive level DP83907 will read the
contents of a serial EEPROM using these signals and load the contents into internal
registers These internal registers are mapped into the space taken up by the PROM in the
NE2000 Architecture After the EEPROM read operation has completed these pins will revert
to MSD0 – 2 (D0 e MSD0 DI e MSD1 SK e MSD2)
77–82
MSD8–15 or
I O–I
MEMORY SUPPORT DATA BUSCONFIGURATION REGISTER B INPUT
85 86
CB0 – 7
MOS
MSD8 – 15 When RESET is inactive these pins are used to access external memory
CB0 – 7 When RESET is active Configuration Register B is loaded with the data value on
these pins If the user puts an external pull-up on any of these pins then the corresponding
register bit is set to a 1 If the pin is left unconnected then the register bit is 0
60–67
MSA1–8 or
O–I
MEMORY SUPPORT ADDRESS BUSCONFIGURATION REGISTER C INPUT
CC0 – 7
MOS
MSA1 – 8 When RESET is inactive these pins drive the memory support address bus
CC0 – 7 When RESET is active Configuration Register C is loaded with the data value on
these pins If the user puts an external pull-up on any of these pins then the corresponding
register bit is set to a 1 If the pin is left unconnected then the register bit is 0
68 69
MSA9 – 13 or
O – I
MEMORY SUPPORT ADDRESS BUSDWID EECONFIG AND SIGNATURE REGISTER
71 – 73
DWID
MOS
MSA9 – 13 When RESET is inactive these pins drive the memory support address bus
EECONFIG
DWID (MSA9) When RESET is active this input specifies whether the DP83907 is interfacing
to an 8-bit or 16-bit ISA bus If the user puts an external pull-up on this pin then the bus is
and SIG 5 – 7
considered to be 16-bit If the pin is left unconnected then the bus is considered to be 8-bit
EECONFIG(MSA10) When RESET is active this input specifies whether the DP83907 loads
the configuration from an EEPROM or from the MSD0 – 15 and MSA1 – 8 pins If the user puts
an external pull-up on this pin then configuration data is loaded from the EEPROM If the pin
is left unconnected then configuration data is loaded from the memory support bus
SIG 5 – 7(MSA11 – 13) When RESET is active the most significant 3 bits of the signature
register are loaded with the data value on these pins If the user puts an external pull-up on
any of these pins then the corresponding register bit is set to a 1 If the pin is left
unconnected then the register bit is 0
76
MSRD
O
MEMORY SUPPORT BUS READ
Strobes data from the external RAM into the DP83907 via
the memory support data bus
MOS
74
MSWR
O
MEMORY SUPPORT BUS WRITE
Strobes data from the DP83907 into the external RAM
via the memory support data bus
MOS
Note
Driver Types are I e Input O e Output IO e Bi-directional Output OCH e Open Collector 3ST e TRI-STATE Output TTL e TTL Compatible
AUI e Attachment Unit Interface TPI e Twisted Pair Interface LED e LED Drive MOS e CMOS Level Compatible XTAL e Crystal
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com