Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 21Page - National Semiconductor (TI) DP83916 Datasheet HTML 22Page - National Semiconductor (TI) DP83916 Datasheet HTML 23Page - National Semiconductor (TI) DP83916 Datasheet HTML 24Page - National Semiconductor (TI) DP83916 Datasheet HTML 25Page - National Semiconductor (TI) DP83916 Datasheet HTML 26Page - National Semiconductor (TI) DP83916 Datasheet HTML 27Page - National Semiconductor (TI) DP83916 Datasheet HTML 28Page - National Semiconductor (TI) DP83916 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
40 SONIC-16 Registers (Continued)
42 STATUSCONTROL REGISTERS
This set of registers is used to convey statuscontrol infor-
mation tofrom the host system and to control the operation
of the SONIC-16 These registers are used for loading com-
mands generated from the system indicating transmit and
receive status buffering data tofrom memory and provid-
ing interrupt control The registers are selected by asserting
chip select to the SONIC-16 and providing the necessary
address on register address pins RA5 – RA0 Tables 4-1
4-2 and 4-3 show the locations of all SONIC-16 registers
and where information on the registers can be found in the
data sheet
TABLE 4-1 User Registers
RA5 – RA0
Access
Register
Symbol
Description
(section)
COMMAND AND STATUS REGISTERS
00h
RW
Command
CR
431
01 (Note 3)
RW
Data Configuration
DCR
432
02
RW
Receive Control
RCR
433
03
RW
Transmit Control
TCR
434
04
RW
Interrupt Mask
IMR
435
05
RW
Interrupt Status
ISR
436
3F (Note 3)
RW
Data Configuration 2
DCR2
437
TRANSMIT REGISTERS
06
RW
Upper Transmit Descriptor Address
UTDA
438 3441
07
RW
Current Transmit Descriptor Address
CTDA
438 353
RECEIVE REGISTERS
0D
RW
Upper Receive Descriptor Address
URDA
439 3441
0E
RW
Current Receive Descriptor Address
CRDA
439 3443
13
RW
End of Buffer Word Count
EOBC
439 342
14
RW
Upper Receive Resource Address
URRA
439 3441
15
RW
Resource Start Address
RSA
439 341
16
RW
Resource End Address
REA
439 341
17
RW
Resource Read Pointer
RRP
439 341
18
RW
Resource Write Pointer
RWP
439 341
2B
RW
Receive Sequence Counter
RSC
439 3432
CAM REGISTERS
21
RW
CAM Entry Pointer
CEP
41 4310
22 (Note 1)
R
CAM Address Port 2
CAP2
41 4310
23 (Note 1)
R
CAM Address Port 1
CAP1
41 4310
24 (Note 1)
R
CAM Address Port 0
CAP0
41 4310
25 (Note 2)
RW
CAM Enable
CE
41 4310
26
RW
CAM Descriptor Pointer
CDP
41 4310
27
RW
CAM Descriptor Count
CDC
41 4310
TALLY COUNTERS
2C (Note 4)
RW
CRC Error Tally
CRCT
4311
2D (Note 4)
RW
FAE Tally
FAET
4311
2E (Note 4)
RW
Missed Packet Tally
MPT
4311
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com