Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 12Page - National Semiconductor (TI) DP83916 Datasheet HTML 13Page - National Semiconductor (TI) DP83916 Datasheet HTML 14Page - National Semiconductor (TI) DP83916 Datasheet HTML 15Page - National Semiconductor (TI) DP83916 Datasheet HTML 16Page - National Semiconductor (TI) DP83916 Datasheet HTML 17Page - National Semiconductor (TI) DP83916 Datasheet HTML 18Page - National Semiconductor (TI) DP83916 Datasheet HTML 19Page - National Semiconductor (TI) DP83916 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
30 Buffer Management (Continued)
342 Receive Buffer Area (RBA)
The SONIC-16 stores the actual data of a received packet
in the RBA The RBAs are designated by the resource de-
scriptors
in
the
RRA
as
described
above
The
RXrsrcbuff
wc01 fields of the RRA indicate the length of
the RBA When the SONIC-16 gets a RBA from the RRA
the RXrsrcbuff
wc01 values are loaded into the Remain-
ing Buffer Word Count registers (RBWC01) These regis-
ters keep track of how much space (in words) is left in the
buffer When a packet is buffered in a RBA it is buffered
contiguously (the SONIC-16 will not scatter a packet into
multiple buffers or fragments) Therefore if there is not
enough space left in a RBA after buffering a packet to buffer
at least one more maximum sized packet (the maximum
legal sized packet expected to be received from the net-
work) a new buffer must be acquired The End of Buffer
Count (EOBC) register is used to tell the SONIC-16 the max-
imum packet size that the SONIC-16 will need to buffer
3421 End of Buffer Count (EOBC)
The EOBC is a boundary in the RBA based from the bottom
of the buffer The value written into the EOBC is the maxi-
mum expected size (in words) of the network packet that
the SONIC-16 will have to buffer This word count creates a
line in the RBA that when crossed causes the SONIC-16 to
fetch a new RBA resource from the RRA
Note
The EOBC is a word count not a byte count
3422 Buffering the Last Packet in an RBA
At the start of reception the SONIC-16 stores the packet
beginning at the Current Receive Buffer Address (CRBA01)
and continues until the reception is complete Concurrent
with reception the SONIC-16 decrements the Remaining
Buffer Word Count (RBWC01) by one At the end of recep-
tion if the packet has crossed the EOBC boundary the
SONIC-16 knows that the next packet might not fit in the
RBA This check is done by comparing the RBWC01 regis-
ters with the EOBC If RBWC01 is less than the EOBC (the
last packet buffered has crossed the EOBC boundary) the
SONIC-16 fetches the next resource descriptor in the RRA
If RBWC01 is greater than or equal to the EOBC (the EOBC
boundary has not been crossed) the next packet reception
continues at the present location pointed to by CRBA01 in
the same RBA
Figure 3-4 illustrates the SONIC-16’s ac-
tions for (1) RBWC01 t EOBC and (2) RBWC01 k EOBC
See Section 3444 for specific information about setting
the EOBC
Note
It is important that the EOBC boundary be ‘‘crossed’’ In other words
case
1in
Figure 3-4 must exist before case
2 exists If case
2
occurs without case
1 having occurred first the test for RBWC01
k
EOBC will not work properly and the SONIC-16 will not fetch a new
buffer The result of this will be a buffer overflow (RBAE in the Inter-
rupt Status Register section 436)
TLF11722 – 12
FIGURE 3-3 Receive Resource Area Format
TLF11722 – 13
Case
1
Case
2
(RBWC01 t EOBC)
(RBWC01 k EOBC)
Case
1 SONIC-16 buffers next packet in same RBA
Case
2 SONIC-16 detects an exhausted RBA and will buffer the next packet in another RBA
FIGURE 3-4 Receive Buffer Area
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com