Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 67Page - National Semiconductor (TI) DP83916 Datasheet HTML 68Page - National Semiconductor (TI) DP83916 Datasheet HTML 69Page - National Semiconductor (TI) DP83916 Datasheet HTML 70Page - National Semiconductor (TI) DP83916 Datasheet HTML 71Page - National Semiconductor (TI) DP83916 Datasheet HTML 72Page - National Semiconductor (TI) DP83916 Datasheet HTML 73Page - National Semiconductor (TI) DP83916 Datasheet HTML 74Page - National Semiconductor (TI) DP83916 Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
60 Network Interfacing (Continued)
TLF11722 – 55
FIGURE 64 Crystal Connection
to the SONIC-16
(see text)
Note 1
The X1 pin is not guaranteed to provide a TTL compatible logic
output and should not be used to drive any external logic If addi-
tional logic needs to be driven then an external oscillator should be
used as described in the following section
Note 2
The frequency marked on the crystal is usually measured with a
fixed load capacitance specified in the crystal’s data sheet The
actual load capacitance used should be the specified value minus
the stray capacitance
TABLE 6-1 Crystal Specifications
Resonant frequency
20 MHz
Tolerance (see text)
g
001% at 25 C
Accuracy
g
0005% (50 ppm) at 0 to 70 C
Fundamental Mode Series Resistance
s
25X
Specified Load Capacitance
s
18 pF
Type
AT cut
Circuit
Parallel Resonance
6132 Clock Oscillator Module
If an external clock oscillator is used the SONIC-16 can be
connected to the external oscillator in one of two ways The
first configuration is shown in
Figure 6-5 In this case an
oscillator that provides the following should be used
1 TTL or CMOS output with a 001% frequency tolerance
2 40% – 60% duty cycle
3 t5 TTL loads output drive (IOL e 8 mA) (Additional out-
put drive may be necessary if the oscillator must also
drive other components)
Again the above assumes no other circuitry is driven
TLF11722 – 56
FIGURE 65 Oscillator Module
Connection to the SONIC-16
The second configuration shown in
Figure 6-6 connects to
the X2 input This connection requires an oscillator with the
same specifications as the previous circuit except that the
output drive specification need only be one CMOS load
This circuit configuration also offers the advantage of slight-
ly lower power consumption In this configuration the X1 pin
must be left open and should not drive external circuitry
Also as shown by
Figure 6-6 there is a 180 phase differ-
ence between connecting an oscillator to X1 compared to
X2 This difference only affects the relationship between
TXC and the oscillator module output The operation of the
SONIC-16 is not affected by this phase change
TLF11722 – 57
FIGURE 66 Alternate Oscillator
Module Connection to the SONIC-16
6133 PCB Layout Considerations
Care should be taken when connecting a crystal Stray ca-
pacitance (eg
from PC board traces and plated through
holes around the X1 and X2 pins) can shift the crystal’s
frequency out of range causing the transmitted frequency
to exceed the 001% tolerance specified by IEEE The lay-
out considerations for using an external crystal are rather
straightforward The oscillator layout should locate all com-
ponents close to the X1 and X2 pins and should use short
traces that avoid excess capacitance and inductance A sol-
id ground should be used to connect the ground legs of the
two capacitors
When connecting an external oscillator the only considera-
tions are to keep the oscillator module as close to the
SONIC-16 as possible to reduce stray capacitance and in-
ductance and to give the module a clean VCC and a solid
ground
614 Power Supply Considerations
In general power supply routing and design for the SONIC-
16 need only follow standard practices In some situations
however additional care may be necessary in the layout of
the analog supply Specifically special care may be needed
for the TXVCC RXVCC and PLLVCC power supplies and
the TXGND and ANGND In most cases the analog and
digital power supplies can be interconnected However to
ensure optimum performance of the SONIC-16’s analog
functions power supply noise should be minimized To re-
duce analog supply noise any of several techniques can be
used
1 Route analog supplies as a separate set of traces or
planes from the digital supplies with their own decoupling
capacitors
2 Provide noise filtering on the analog supply pins by insert-
ing a low pass filter Alternatively a ferrite bead could be
used to reduce high frequency power supply noise
3 Utilize a separate regulator to generate the analog sup-
ply
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com