Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 79Page - National Semiconductor (TI) DP83916 Datasheet HTML 80Page - National Semiconductor (TI) DP83916 Datasheet HTML 81Page - National Semiconductor (TI) DP83916 Datasheet HTML 82Page - National Semiconductor (TI) DP83916 Datasheet HTML 83Page - National Semiconductor (TI) DP83916 Datasheet HTML 84Page - National Semiconductor (TI) DP83916 Datasheet HTML 85Page - National Semiconductor (TI) DP83916 Datasheet HTML 86Page - National Semiconductor (TI) DP83916 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
70 AC and DC Specifications (Continued)
BUS REQUEST TIMING BMODE e 1
TLF11722 – 70
Number
Parameter
20 MHz
Units
Min
Max
T45a
BG Asynchronous Setup Time to BSCK
8
ns
T47
BSCK Low to BR Low
25
ns
T48
BSCK Low to BR TRI-STATE (Note 4)
30
ns
T49
BSCK High to BGACK Low (Note 1)
30
ns
T50
BSCK High to BGACK High (Note 5)
30
ns
T51a
BSCK to Address AS MRW DS ECS
52
ns
USRk10l and EXUSRk30l TRI-STATE (Note 4)
T52
BSCK to Data TRI-STATE (Note 4)
68
ns
T53
BSCK to USRk10l Valid
50
ns
T55
BSCK to Bus Status
40
ns
Idle to Non-Idle
T55a
BSCK to Bus Status
40
ns
Non-Idle to Idle (Note 3)
T55b
Sk20l Hold from BSCK
10
ns
Note 1
BGACK is only issued if BG is low and AS DSACK01 STERM and BGACK are deasserted
Note 2
For specific timing on these signals driven by the SONIC-16 see the memory read and memory write timing diagrams on previous pages
Note 3
Sk20l will inidicate IDLE at the end of T2 if the last operation is a read operation or at the end of Th if the last operation is a write operation
Note 4
This timing value includes an RC delay inherent in our test measurement These signals typically TRI-STATE 7 ns eariler enabling other devices to drive
these lines without contention
Note 5
BGACK is driven high for approximately
BSCK before going TRI-STATE
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com