Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 19Page - National Semiconductor (TI) DP83916 Datasheet HTML 20Page - National Semiconductor (TI) DP83916 Datasheet HTML 21Page - National Semiconductor (TI) DP83916 Datasheet HTML 22Page - National Semiconductor (TI) DP83916 Datasheet HTML 23Page - National Semiconductor (TI) DP83916 Datasheet HTML 24Page - National Semiconductor (TI) DP83916 Datasheet HTML 25Page - National Semiconductor (TI) DP83916 Datasheet HTML 26Page - National Semiconductor (TI) DP83916 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
40 SONIC-16 Registers (Continued)
TLF11722 – 21
FIGURE 4-1 CAM Organization
the SONIC-16 is in software reset The CDA resides in the
same 64k byte block of memory as the Receive Resource
Area (RRA) and contains descriptors for loading the CAM
registers These descriptors are contiguous and each de-
scriptor consists of four 16-bit fields
(Figure 4-2) The first
field contains the value to be loaded into the CAM Entry
Pointer and the remaining fields are for the three CAM Ad-
dress Ports (see Section 4310) In addition there is one
more field after the last descriptor containing the mask for
the CAM Enable register Each of the CAM descriptors are
addressed by the CAM Descriptor Pointer (CDP) register
After the system has initialized the CDA it can issue the
Load CAM command to program the SONIC-16 to read the
CDA and load the CAM The procedure for issuing the Load
CAM command is as follows
1 Initialize the Upper Receive Resource Address (URRA)
register Note that the CAM Descriptor Area must reside
within the same 64k page as the Receive Resource
Area (See Section 439)
2 Initialize the CDA as described above
3 Initialize the CAM Descriptor Count with the number of
CAM descriptors Note only the lower 5 bits are used in
this register The other bits are don’t cares (See Section
4310)
4 Initialize the CAM Descriptor Pointer to locate the first
descriptor in the CDA This register must be reloaded
each time a new Load CAM command is issued
5 Issue the Load CAM command (LCAM) in the Command
register (See Section 431)
If a transmission or reception is in progress the CAM DMA
function will not occur until these operations are complete
When the SONIC-16 completes the Load CAM command
the CDP register points to the next location after the CAM
Enable field and the CDC equals zero The SONIC-16 resets
the LCAM bit in the Command register and sets the Load
CAM Done (LCD) bit in the ISR
TLF11722 – 22
FIGURE 4-2 CAM Descriptor Area Format
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com