Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 50Page - National Semiconductor (TI) DP83916 Datasheet HTML 51Page - National Semiconductor (TI) DP83916 Datasheet HTML 52Page - National Semiconductor (TI) DP83916 Datasheet HTML 53Page - National Semiconductor (TI) DP83916 Datasheet HTML 54Page - National Semiconductor (TI) DP83916 Datasheet HTML 55Page - National Semiconductor (TI) DP83916 Datasheet HTML 56Page - National Semiconductor (TI) DP83916 Datasheet HTML 57Page - National Semiconductor (TI) DP83916 Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
50 Bus Interface (Continued)
TLF11722 – 28
FIGURE 5-6 Bus Request Timing BMODEe1
542 Block Transfers
The SONIC-16 performs block operations during all bus ac-
tions thereby providing efficient transfers to memory The
block cycle consists of three parts The first part is the bus
acquisition phase as discussed above in which the SONIC-
16 gains access to the bus Once it has access of the bus
the SONIC-16 enters the second phase by transferring data
tofrom its internal FIFOs or registers fromto memory The
SONIC-16 transfers data from its FIFOs in either EXACT
BLOCK mode or EMPTYFILL
EXACT BLOCK mode
In this mode the number of words
(or long words) transferred during a block transfer is deter-
mined by either the Transmit or Receive FIFO thresholds
programmed in the Data Configuration Register
EMPTYFILL mode
In this mode the DMA completely fills
the Transmit FIFO during transmission or completely emp-
ties the Receive FIFO during reception This allows for
greater bus latency
When the SONIC-16 accesses the Descriptor Areas (ie
RRA RDA CDA and TDA) it transfers data between its
registers and memory All fields which need to be used are
accessed in one block operation Thus the SONIC-16 per-
forms 4 accesses in the RRA (see Section 3442) 7 ac-
cesses in the RDA (see Section 3461) 2 3 or 6 accesses
in the TDA (see Section 354) and 4 accesses in the CDA
543 Bus Status
The SONIC-16 presents three bits of status information on
pins S2 – S0 which indicate the type of bus operation the
SONIC-16 is currently performing (Table 5-2) Bus status is
valid when at the falling edge of AS or the rising edge of
ADS
TABLE 5-2 Bus Status
S2
S1
S0
Status
1
1
1
The bus is idle The SONIC-16 is not
performing any transfers on the bus
1
0
1
The Transmit Descriptor Area (TDA) is
currently being accessed
0
0
1
The Transmit Buffer Area (TBA) is
currently being read
0
1
1
The Receive Buffer Area (RBA) is
currently being written to Only data is
being written though not a Source or
Destination address
0
1
0
The Receive Buffer Area (RBA) is
currently being written to Only the
Source or Destination address is being
written though
1
1
0
The Receive Resource Area (RRA) is
currently being read
1
0
0
The Receive Descriptor Area (RDA) is
currently being accessed
0
0
0
The CAM Descriptor Area (CDA) is
currently being accessed
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com