Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 13Page - National Semiconductor (TI) DP83916 Datasheet HTML 14Page - National Semiconductor (TI) DP83916 Datasheet HTML 15Page - National Semiconductor (TI) DP83916 Datasheet HTML 16Page - National Semiconductor (TI) DP83916 Datasheet HTML 17Page - National Semiconductor (TI) DP83916 Datasheet HTML 18Page - National Semiconductor (TI) DP83916 Datasheet HTML 19Page - National Semiconductor (TI) DP83916 Datasheet HTML 20Page - National Semiconductor (TI) DP83916 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
30 Buffer Management (Continued)
343 Receive Descriptor Area (RDA)
After the SONIC-16 buffers a packet to memory it writes 5
words of status and control information into the RDA reads
the link field to the next receive descriptor and writes to the
in use field of the current discriptor Each receive descriptor
consists of the following sections (
Figure 3-5 )
TLF11722 – 14
FIGURE 3-5 Receive Descriptor Format
receive status
indicates status of the received packet The
SONIC-16 writes the Receive Control register into this field
Figure 3-6 shows the receive status format This field is
loaded from the contents of the Receive Control register
Note that ERR RNT BRD PRO and AMC are configura-
tion bits and are programmed during initialization See Sec-
tion 433 for the description of the Receive Control register
15
14
13
12
11
10
9
8
ERR
RNT
BRD
PRO
AMC
LB1
LB0
MC
76
5
4
3
2
1
0
BC
LPKT
CRS
COL
CRCR
FAER
LBK
PRX
FIGURE 3-6 Receive Status Format
byte count
gives the length of the complete packet from
the start of Destination Address to the end of FCS
packet pointer
a 23-bit pointer that locates the packet in
the RBA
The SONIC-16 writes the contents of the
CRBA01 registers into this field
sequence numbers
this field displays the contents of two
8-bit counters (modulo 256) that sequence the RBAs used
and the packets buffered These counters assist the system
in determining when an RBA has been completely process-
ed The sequence numbers allow the system to tally the
packets that have been processed within a particular RBA
There are two sequence numbers that describe a packet
the RBA Sequence Number and the Packet Sequence
Number When a packet is buffered to memory the SONIC-
16 maintains a single RBA Sequence Number for all pack-
ets in an RBA and sequences the Packet Number for suc-
ceeding packets in the RBA When the SONIC-16 uses the
next RBA it increments the RBA Sequence Number and
clears the Packet Sequence Number The RBA’s sequence
counter is not incremented when the read RRA command is
issued in the Command register The format of the Receive
Sequence Numbers are shown in
Figure 3-7 These coun-
ters are reset during hardware reset or by writing zero to
them
15
8
7
0
RBA Sequence Number
Packet Sequence Number
(Modulo 256)
(Modulo 256)
FIGURE 3-7 Receive Sequence Number Format
receive link field
a 15-bit pointer (A15 – A1) that locates
the next receive descriptor The LSB of this field is the End
Of List (EOL) bit and indicates the last descriptor in the list
(Initialized by the system)
in use field
this field provides a handshake between the
system and the SONIC-16 to indicate the ownership of the
descriptor When the system avails a descriptor to the SON-
IC-16 it writes a non-zero value into this field The SONIC-
16 in turn sets this field to all ‘‘0’s’’ when it has finished
processing the descriptor (That is when the CRDA register
has advanced to the next receive descriptor) Generally the
SONIC-16 releases control after writing the status and con-
trol information into the RDA If however the SONIC-16 has
reached the last descriptor in the list it maintains ownership
of the descriptor until the system has appended additional
descriptors to the list The SONIC-16 then relinquishes con-
trol after receiving the next packet (See Section 3461 for
details on when the SONIC-16 writes to this field) The re-
ceive packet descriptor format is shown in
Figure 3-5
344 Receive Buffer Management Initialization
The Receive Resource Descriptor and Buffer areas (RRA
RDA RBA) in memory and the appropriate SONIC-16 regis-
ters must be properly initialized before the SONIC-16 begins
buffering packets This section describes the initialization
process
3441 Initializing The Descriptor Page
All descriptor areas (RRA RDA and TDA) used by the
SONIC-16 reside within areas up to 32k (word) pages This
page may be placed anywhere within the 23-bit address
range by loading the upper 8 address lines into the UTDA
URDA and URRA registers
3442 Initializing The RRA
The initialization of the RRA consists of loading the four
SONIC-16 RRA registers and writing the resource descriptor
information to memory
The RRA registers are loaded with the following values
Resource Start Area (RSA) register
The RSA is loaded
with the lower 16-bit address of the beginning of the RRA
Resource End Area (REA) register
The REA is loaded
with the lower 16-bit address of the end of the RRA The
end of the RRA is defined as the address of the last
RXrsrcptr0 field in the RRA plus 4 words (
Figure 3-3 )
Resource Read Pointer (RRP) register
The RRP is load-
ed with the lower 16-bit address of the first resource de-
scriptor the SONIC-16 reads
Resource Write Pointer (RWP) register
The RWP is load-
ed with the lower 16-bit address of the next vacant location
where a resource descriptor will be placed by the system
Note
The RWP register must only point to either (1) the RXrsrcptr0 field of
one of the RRA Descriptors (2) the memory address that the RSA
points to (the start of the RRA) or (3) the memory address that the
REA points to (the end of the RRA) When the RWP e RRP compari-
son is made it is performed after the complete RRA descriptor has
been read and not during the fetch Failure to set the RWP to any of
the above values prevents the RWP e RRP comparison from ever
becoming true
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com