Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP83916 Datasheet HTML 1Page - National Semiconductor (TI) DP83916 Datasheet HTML 2Page - National Semiconductor (TI) DP83916 Datasheet HTML 3Page - National Semiconductor (TI) DP83916 Datasheet HTML 4Page - National Semiconductor (TI) DP83916 Datasheet HTML 5Page - National Semiconductor (TI) DP83916 Datasheet HTML 6Page - National Semiconductor (TI) DP83916 Datasheet HTML 7Page - National Semiconductor (TI) DP83916 Datasheet HTML 8Page - National Semiconductor (TI) DP83916 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
10 Functional Description (Continued)
network The ENDEC section detects this when its collision
receiver detects a 10 MHz signal on the differential collision
input pair The ENDEC also provides both the receive and
transmit clocks to the MAC unit The transmit clock is one
half of the oscillator input The receive clock is extracted
from the input data by the PLL
Oscillator
The oscillator generates the 10 MHz transmit
clock signal for network timing The oscillator is controlled
by a parallel resonant crystal or by an external clock (see
section 613) The 20 MHz output of the oscillator is divided
by 2 to generate the 10 MHz transmit clock (TXC) for the
MAC section The oscillator provides an internal clock signal
for the encoding and decoding circuits
The signals provided to the MAC unit from the on-chip EN-
DEC are also provided as outputs to the user
Loopback Functions
The SONIC-16 provides three loop-
back modes These modes allow loopback testing at the
MAC ENDEC and external transceiver level (see section
17 for details) It is important to note that when the SONIC-
16 is transmitting the transmitted packet will always be
looped back by the external transceiver The SONIC-16
takes advantage of this to monitor the transmitted packet
See the explanation of the Receive State Machine in sec-
tion 121 for more information about monitoring transmitted
packets
112 Selecting An External ENDEC
An option is provided on SONIC-16 to disable the on-chip
ENDEC unit and use an external ENDEC The internal IEEE
8023 ENDEC can be bypassed by connecting the EXT pin
to VCC (EXTe1) In this mode the MAC signals are redirect-
ed out from the chip allowing an external ENDEC to be
used See section 52 for the alternate pin definitions
12 MAC UNIT
The MAC (Media Access Control) unit performs the media
access control functions for transmitting and receiving pack-
ets over Ethernet During transmission the MAC unit frames
information from the transmit FIFO and supplies serialized
data to the ENDEC unit During reception the incoming in-
formation from the ENDEC unit is deserialized the frame
checked for valid reception and the data is transferred to
the receive FIFO Control and status registers on the
SONIC-16 govern the operation of the MAC unit
121 MAC Receive Section
The receive section
(Figure 1-3 ) controls the MAC receive
operations during reception loopback and transmission
During reception the deserializer goes active after detecting
the 2-bit SFD (Start of Frame Delimiter) pattern (section
21) It then frames the incoming bits into octet boundaries
and transfers the data to the 32-byte receive FIFO Concur-
rently the address comparator compares the Destination
Address Field to the addresses stored in the chip’s CAM
address registers (Content Addressable Memory cells) If a
match occurs the deserializer passes the remainder of the
packet to the receive FIFO The packet is decapsulated
when the carrier sense input pin (CRS) goes inactive At the
end of reception the receive section checks the following
Frame alignment errors
CRC errors
Length errors (runt packets)
The appropriate status is indicated in the Receive Control
register (section 433) In loopback operations the receive
section operates the same as during normal reception
During transmission the receive section remains active to
allow monitoring of the self-received packet The CRC
checker operates as normal and the Source Address field
is compared with the CAM address entries Status of the
CRC check and the source address comparison is indicated
by the PMB bit in the Transmit Control register (section
434) No data is written to the receive FIFO during transmit
operations
The receive section consists of the following blocks detailed
below
Receive State Machine (RSM)
The RSM insures the prop-
er sequencing for normal reception and self-reception dur-
ing transmission When the network is inactive the RSM
remains in an idle state continually monitoring for network
activity If the network becomes active the RSM allows the
deserializer to write data into the receive FIFO During this
state the following conditions may prevent the complete
reception of the packet
FIFO OverrunThe receive FIFO has been completely
filled before the SONIC-16 could buffer the data to mem-
ory
CAM Address MismatchThe packet is rejected be-
cause of a mismatch between the destination address of
the packet and the address in the CAM
Memory Resource ErrorThere are no more resources
(buffers) available for buffering the incoming packets
Collision or Other ErrorA collision occured on the net-
work or some other error such as a CRC error occurred
(this is true if the SONIC-16 has been told to reject pack-
ets on a collision or reject packets with errors)
If these conditions do not occur the RSM processes the
packet indicating the appropriate status in the Receive Con-
trol register
TLF11722 – 4
FIGURE 1-3 MAC Receiver
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com