Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP83916 Datasheet HTML 1Page - National Semiconductor (TI) DP83916 Datasheet HTML 2Page - National Semiconductor (TI) DP83916 Datasheet HTML 3Page - National Semiconductor (TI) DP83916 Datasheet HTML 4Page - National Semiconductor (TI) DP83916 Datasheet HTML 5Page - National Semiconductor (TI) DP83916 Datasheet HTML 6Page - National Semiconductor (TI) DP83916 Datasheet HTML 7Page - National Semiconductor (TI) DP83916 Datasheet HTML 8Page - National Semiconductor (TI) DP83916 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
10 Functional Description
The SONIC-16
(Figure 1-1 ) consists of an encoderdecoder
(ENDEC) unit media access control (MAC) unit separate
receive and transmit FIFOs a system buffer management
engine and a user programmable system bus interface unit
on a single chip SONIC-16 is highly pipelined providing
maximum system level performance This section provides
a functional overview of SONIC-16
11 IEEE 8023 ENDEC UNIT
The ENDEC (EncoderDecoder) unit is the interface be-
tween the Ethernet transceiver and the MAC unit It pro-
vides the Manchester data encoding and decoding func-
tions for IEEE 8023 EthernetThin-Ethernet type local area
networks The ENDEC operations of SONIC-16 are identical
to the DP83910A CMOS Serial Network Interface device
During transmission the ENDEC unit combines non-return-
zero (NRZ) data from the MAC section and clock pulses into
Manchester data and sends the converted data differentially
to the transceiver Conversely during reception an analog
PLL decodes the Manchester data to NRZ format and re-
ceive clock The ENDEC unit is a functionally complete
Manchester encoderdecoder incorporating a balanced
driver and receiver on-board crystal oscillator collision sig-
nal translator and a diagnostic loopback The features in-
clude
 Compatible with Ethernet I and II IEEE 8023 10BASE5
and 10BASE2
 10Mbs Manchester encodingdecoding with receive
clock recovery
 Requires no precision components
 Loopback capability for diagnostics
 Externally selectable half or full step modes of operation
at transmit output
 Squelch circuitry at the receive and collision inputs reject
noise
 Connects to the transceiver (AUI) cable via external
pulse transformer
111 ENDEC Operation
The primary function of the ENDEC unit
(Figure 1-2 ) is to
perform the encoding and decoding necessary for compati-
bility between the differential pair Manchester encoded data
of the transceiver and the Non-Return-to-Zero (NRZ) serial
data of the MAC unit data line In addition to encoding and
decoding the data stream the ENDEC also supplies all the
necessary special signals (eg
collision detect
carrier
sense and clocks) to the MAC unit
Manchester Encoder and Differential Output Driver
During transmission to the network the ENDEC unit trans-
lates the NRZ serial data from the MAC unit into differential
pair Manchester encoded data on the Coaxial Transceiver
Interface (eg National’s DP8392) transmit pair To perform
this operation the NRZ bit stream from the MAC unit is
passed through the Manchester encoder block of the EN-
DEC unit Once the bit stream is encoded it is transmitted
out differentially to the transmit differential pair through the
transmit driver
Manchester Decoder
During reception from the network
the differential receive data from the transceiver (eg the
DP8392) is converted from Manchester encoded data into
NRZ serial data and a receive clock which are sent to the
receive data and clock inputs of the MAC unit To perform
this operation the signal once received by the differential
receiver is passed to the phase locked loop (PLL) decoder
block The PLL decodes the data and generates a data re-
ceive clock and a NRZ serial data stream to the MAC unit
Special Signals
In addition to performing the Manchester
encoding and decoding function the ENDEC unit provides
control and clocking signals to the MAC unit The ENDEC
sends a carrier sense (CRS) signal that indicates to the
MAC unit that data is present from the network on the EN-
DEC’s receive differential pair The MAC unit is also provid-
ed with a collision detection signal (COL) that informs the
MAC unit that a collision is taking place somewhere on the
TLF11722 – 2
FIGURE 1-1 SONIC-16 Block Diagram
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com