Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 8Page - National Semiconductor (TI) DP83916 Datasheet HTML 9Page - National Semiconductor (TI) DP83916 Datasheet HTML 10Page - National Semiconductor (TI) DP83916 Datasheet HTML 11Page - National Semiconductor (TI) DP83916 Datasheet HTML 12Page - National Semiconductor (TI) DP83916 Datasheet HTML 13Page - National Semiconductor (TI) DP83916 Datasheet HTML 14Page - National Semiconductor (TI) DP83916 Datasheet HTML 15Page - National Semiconductor (TI) DP83916 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
20 TransmitReceive IEEE 8023 Frame Format (Continued)
ets from reaching a node There are three types of address
formats supported by the SONIC-16 Physical Multicast
and Broadcast
Physical Address
The physical address is a unique ad-
dress that corresponds only to a single node All physical
addresses have the LSB of the first byte of the address set
to ‘‘0’’ These addresses are compared to the internally
stored CAM (Content Addressable Memory) address en-
tries All bits in the destination address must match an entry
in the CAM in order for the SONIC-16 to accept the packet
Multicast Address
Multicast addresses which have the
LSB of the first byte of the address set to ‘‘1’’ are treated
similarly as Physical addresses ie
they must match an
entry in the CAM This allows perfect filtering of Multicast
packet’s and eliminates the need for a hashing algorithm for
mapping Multicast packets
Broadcast Address
If the address consists of all 1’s it is a
Broadcast address indicating that the packet is intended for
all nodes
The SONIC-16 also provides a promiscuous mode which
allows reception of all physical address packets Physical
Multicast Broadcast and promiscuous address modes can
be selected via the Receive Control register
23 SOURCE ADDRESS
The source address is the physical address of the sending
node Source addresses cannot be multicast or broadcast
addresses This field must be passed to the SONIC-16’s
transmit buffer from the system software During transmis-
sion the SONIC-16 compares the Source address with its
internal CAM address entries before monitoring the CRC of
the self-received packet If the source address of the packet
transmitted does not match a value in the CAM the packet
monitored bad flag (PMB) will be set in the transmit status
field of the transmit descriptor (see Sections 3512 and
434) The SONIC-16 does not provide Source Address in-
sertion However a transmit descriptor fragment containing
only the Source Address may be created for each packet
(See Section 351)
24 LENGTHTYPE FIELD
For IEEE 8023 type packets this field indicates the number
of bytes that are contained in the data field of the packet
For Ethernet I and II networks this field indicates the type of
packet The SONIC-16 does not operate on this field
25 DATA FIELD
The data field has a variable octet length ranging from 46 to
1500 bytes as defined by the Ethernet specification Mes-
sages longer than 1500 bytes need to be broken into multi-
ple packets for IEEE 8023 networks Data fields shorter
than 46 bytes require appending a pad to bring the com-
plete frame length to 64 bytes If the data field is padded
the number of valid bytes are indicated in the length field
The SONIC-16 does not append pad bytes for short packets
during transmission nor check for oversize packets during
reception However the user’s driver software can easily
append the pad by lengthening the TXpktpkt
size field
and TXpktfrag
size field(s) to at least 64 bytes (see Sec-
tion 351) While the Ethernet specification defines the
maximum number of bytes in the data field the SONIC-16
can transmit and receive packets up to 64k bytes
26 FCS FIELD
The Frame Check Sequence (FCS) is a 32-bit CRC field
calculated and appended to a packet during transmission to
allow detection of error-free packets During reception an
error-free packet results in a specific pattern in the CRC
generator The AUTODIN II (X32 a X26 a X23 a X22 a
X16 a X12 a X11 a X10 a X8 a X7 a X5 a X4 a
X2 a X1 a 1) polynomial is used for the CRC calculations
The SONIC-16 may optionally append the CRC sequence
during transmission and checks the CRC both during nor-
mal reception and self-reception during a transmission (see
Section 121)
27 MAC (MEDIA ACCESS CONTROL) CONFORMANCE
The SONIC-16 is designed to be compliant to the IEEE
8023 MAC Conformance specification The SONIC-16 im-
plements most of the MAC functions in silicon and provides
hooks for the user software to handle the remaining func-
tions The MAC Conformance specifications are summa-
rized in Table 2-1
TABLE 2-1 MAC Conformance Specifications
Conformance
Test Name
Support By
SONIC User Driver
Notes
-16
Software
Minimum Frame Size
X
Maximum Frame Size
X
X
1
Address Generation
X
X
2
Address Recognition
X
Pad Length Generation
X
X
3
Start Of Frame Delimiter
X
Length Field
X
Preamble Generation
X
Order of Bit Transmission
X
Inconsistent Frame Length
X
X
1
Non-Integral Octet Count
X
Incorrect Frame Check
X
Sequence
Frame Assembly
X
FCS Generation and Insertion
X
Carrier Deference
X
Interframe Spacing
X
Collision Detection
X
Collision Handling
X
Collision Backoff and
X
Retransmission
FCS Validation
X
Frame Disassembly
X
Back-to-Back Frames
X
Flow Control
X
Attempt Limit
X
Jam Size (after SFD)
X
Jam Size (in Preamble)
X
Note 1
The SONIC-16 provides the byte count of the entire packet in the
RXpktbyte
count (see Section 343) The user’s driver software may per-
form further filtering of the packet based upon the byte count
Note 2
The SONIC-16 does not provide Source Address insertion however
a transmit descriptor fragment containing only the Source Address may be
created for each packet See Section 351
Note 3
The SONIC-16 does not provide Pad generation however the us-
er’s driver software can easily append the Pad by lengthening the
TXpktpkt
size field and TXpktfrag
size field(s) to at least 64 bytes See
Section 351
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com