Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 17Page - National Semiconductor (TI) DP83916 Datasheet HTML 18Page - National Semiconductor (TI) DP83916 Datasheet HTML 19Page - National Semiconductor (TI) DP83916 Datasheet HTML 20Page - National Semiconductor (TI) DP83916 Datasheet HTML 21Page - National Semiconductor (TI) DP83916 Datasheet HTML 22Page - National Semiconductor (TI) DP83916 Datasheet HTML 23Page - National Semiconductor (TI) DP83916 Datasheet HTML 24Page - National Semiconductor (TI) DP83916 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
30 Buffer Management (Continued)
TLF11722 – 19
FIGURE 3-12 Transmit Descriptor Area
3511 Transmit Configuration
The TXpktconfig field allows the SONIC-16 to be pro-
grammed into one of the transmit modes before each trans-
mission At the beginning of each transmission the SONIC-
16 reads this field and loads the PINTR POWC CRCI and
EXDIS bits into the Transmit Control register (TCR) The
configuration bits in the TCR correspond directly with the
bits in the TXpktconfig field as shown in
Figure 3-13 See
Section 434 for the description on the TCR
15
14
13
12
11
10
9
8
PINTR POWC CRCI EXDIS
X
X
X
X
7654321
0
XXXXXXX
X
Note
x e don’t care
FIGURE 3-13 TXpktconfig Field
3512 Transmit Status
At the end of each transmission the SONIC-16 writes the
status bits (k100l) of the Transmit Control Register (TCR)
and the number of collisions experienced during the trans-
mission into the TXpktstatus field
(Figure 3-14 res e re-
served) Bits NC4-NC0 indicate the number of collisions
where NC4 is the MSB See Section 434 for the descrip-
tion of the TCR
15
14
13
12
11
10
9
8
NC4
NC3
NC2
NC1
NC0
EXD
DEF
NCRS
76
5
4
3
2
1
0
CRSL
EXC
OWC
res
PMB
FU
BCM
PTX
FIGURE 3-14 TXpktstatus Field
352 Transmit Buffer Area (TBA)
The TBA contains the fragments of packets that are defined
by the descriptors in the TDA A packet can consist of a
single fragment or several fragments depending upon the
fragment count in the TDA descriptor The fragments also
can reside anywhere within the full 23-bit address range
and be aligned to any byte boundary When an odd byte
boundary is given the SONIC-16 automatically begins read-
ing data at the corresponding word boundary The SONIC-
16 ignores the extraneous bytes which are written into the
FIFO during odd byte alignment fragments The minimum
allowed fragment size is 1 byte
Figure 3-11 shows the rela-
tionship between the TDA and the TBA for single and multi-
fragmented packets
353 Preparing To Transmit
All fields in the TDA descriptor and the Current Transmit
Descriptor Address (CTDA) register of the SONIC-16 must
be initialized before the Transmit Command (setting the
TXP bit in the Command register) can be issued If more
than one packet is queued the descriptors must be linked
together with the TXpktlink field The last descriptor must
have EOLe1 and all other descriptors must have EOLe0
To begin transmission the system loads the address of the
first TXpktstatus field into the CTDA register Note that the
upper 8-bits of address are loaded in the Upper Transmit
Descriptor (UTDA) register The user performs the following
transmit initialization
1) Initialize the TDA
2) Load the CTDA register with the address of the first
transmit descriptor
3) Issue the transmit command
Note that if the Source Address of the packet being trans-
mitted is not in the CAM the Packet Monitored Bad (PMB)
bit in the TXpxtstatus field will be set (see Section 434)
3531 Transmit Process
When the Transmit Command (TXP e 1 in the Command
register) is issued the SONIC-16 fetches the control infor-
mation in the TDA descriptor loads its appropriate registers
(shown below) and begins transmission (See Section 42
for register mnemonics)
TCR
wTXpktconfig
TPS
wTXpktpkt size
TFC
wTXpktfrag count
TSA0
wTXpktfrag ptr0
TSA1
wTXpktfrag ptr1
TFS
wTXpktfrag size
CTDA
wTXpktlink
(CTDA is loaded after all fragments have been read and
successfully transmitted If the halt transmit command is is-
sued (HTX bit in the Command register is set) the CTDA
register is not loaded)
During transmission the SONIC-16 reads the packet de-
scriptor in the TDA and transmits the data from the TBA If
TXpktfrag
count is greater than one the SONIC-16 after
finishing transmission of the fragment fetches the next
TXpktfrag
ptr01 and TXpktfrag
size fields and transmits
the next fragment This process continues until all frag-
ments of a packet are transmitted At the end of packet
transmission status is written in to the TXpktstatus field
The SONIC-16 then reads the TXpktlink field and checks if
EOL e 0 If it is ‘‘0’’ the SONIC-16 fetches the next de-
scriptor and transmits the next packet If EOL e 1 the SON-
IC-16 generates a ‘‘Transmission Done’’ indication in the
Interrupt Status register and resets the TXP bit in the Com-
mand register
In the event of a collision the SONIC-16 recovers its pointer
in the TDA and retransmits the packet up to 15 times The
SONIC-16 maintains a copy of the CTDA register in the
Temporary Transmit Descriptor Address (TTDA) register
The SONIC-16 performs a block operation of 6 3 or 2 ac-
cesses in the TDA depending on where the SONIC-16 is in
the transmit process For the first fragment it reads the
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com