Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 29Page - National Semiconductor (TI) DP83916 Datasheet HTML 30Page - National Semiconductor (TI) DP83916 Datasheet HTML 31Page - National Semiconductor (TI) DP83916 Datasheet HTML 32Page - National Semiconductor (TI) DP83916 Datasheet HTML 33Page - National Semiconductor (TI) DP83916 Datasheet HTML 34Page - National Semiconductor (TI) DP83916 Datasheet HTML 35Page - National Semiconductor (TI) DP83916 Datasheet HTML 36Page - National Semiconductor (TI) DP83916 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
40 SONIC-16 Registers (Continued)
434 Transmit Control Register
(RAk50l e 3h)
This register is used to program the SONIC-16’s transmit actions and provide status information after a packet has been
transmitted
(Figure 4-7) At the beginning of transmission bits 15 14 13 and 12 from the TXpktconfig field are loaded into the
TCR to configure the various transmit modes (see section 3511) When the transmission ends bits 10 – 0 indicate status
information and are set to a ‘‘1’’ when the corresponding condition is true These bits along with the number of collisions
information are written into the TXpktstatus field at the end of transmission (see section 3512) Bits 9 and 5 are cleared after
the TXpktstatus field has been written Bits 10 7 6 and 1 are cleared at the commencement of the next transmission while bit 8
is set at this time
A hardware reset sets bits 8 and 1 to a ‘‘1’’ This register is unaffected by a software reset
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PINTR POWC CRCI EXDIS
0
EXD
DEF NCRS CRSL
EXC
OWC
0
PMB
FU
BCM
PTX
rw
rw
rw
rw
r
r
r
r
r
r
r
r
r
r
reread only rwereadwrite
FIGURE 4-7 Transmit Control Register
Field
Meaning
PINTR PROGRAMMABLE INTERRUPT
POWC PROGRAMMED OUT OF WINDOW COLLISION TIMER
CRCI
CRC INHIBIT
EXDIS DISABLE EXCESSIVE DEFERAL TIMER
EXD
EXCESSIVE DEFERRAL
DEF
DEFERRED TRANSMISSION
NCRS
NO CRS
CRSL
CRS LOST
EXC
EXCESSIVE COLLISIONS
OWC
OUT OF WINDOW COLLISION
PMB
PACKET MONITORED BAD
FU
FIFO UNDERRUN
BCM
BYTE COUNT MISMATCH
PTX
PACKET TRANSMITTED OK
Bit
Description
15
PINTR PROGRAMMABLE INTERRUPT
This bit allows transmit interrupts to be generated under software control The SONIC-16 will issue an interrupt (PINT
in the Interrupt Status Register) immediately after reading a TDA and detecting that PINTR is set in the TXpktconfig
field
Note
In order for PINTR to operate properly it must be set and reset in the TXpktconfig field by alternating TDAs This is necessary because after
PINT has been issued in the ISR PINTR in the Transmit Control Register must be cleared before it is set again in order to have the interrupt issued
for another packet The only effective way to do this is to set PINTR toa1no more often than every other packet
14
POWC PROGRAM ‘‘OUT OF WINDOW COLLISION’’ TIMER
This bit programs when the out of window collision timer begins
0 timer begins after the Start of Frame Delimiter (SFD)
1 timer begins after the first bit of preamble
13
CRCI CRC INHIBIT
0 transmit packet with 4-byte FCS field
1 transmit packet without 4-byte FCS field
12
EXDIS DISABLE EXCESSIVE DEFERRAL TIMER
0 excessive deferral timer enabled
1 excessive deferral timer disabled
11
Must be 0
10
EXD EXCESSIVE DEFERRAL
Indicates that the SONIC-16 has been deferring for 32 ms The transmission is aborted if the excessive deferral
timer is enabled (ie EXDIS is reset) This bit can only be set if the excessive deferral timer is enabled
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com