Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 66Page - National Semiconductor (TI) DP83916 Datasheet HTML 67Page - National Semiconductor (TI) DP83916 Datasheet HTML 68Page - National Semiconductor (TI) DP83916 Datasheet HTML 69Page - National Semiconductor (TI) DP83916 Datasheet HTML 70Page - National Semiconductor (TI) DP83916 Datasheet HTML 71Page - National Semiconductor (TI) DP83916 Datasheet HTML 72Page - National Semiconductor (TI) DP83916 Datasheet HTML 73Page - National Semiconductor (TI) DP83916 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
60 Network Interfacing (Continued)
External ENDEC
When EXTe1 the internal ENDEC is by-
passed and the signals are provided directly to the user
Since SONIC-16’s on-chip ENDEC is the same as Nation-
al’s DP83910 Serial Network Interface (SNI) the interface
considerations discussed in this section would also apply to
using this device in the external ENDEC mode
61 MANCHESTER ENCODER AND
DIFFERENTIAL DRIVER
The ENDEC unit’s encoder begins operation when the MAC
section begins sending the serial data stream It converts
NRZ data from the MAC section to Manchester data for the
differential drivers (TXa b) In Manchester encoding the
first half of the bit cell contains the complementary data and
the second half contains the true data
(Figure 6-3) A tran-
sition always occurs at the middle of the bit cell As long as
the MAC continues sending data the ENDEC section re-
mains in operation At the end of transmission the last tran-
sition is always positive occurring at the center of the bit
cell if the last bit is a one or at the end of the bit cell if the
last bit is a zero
The differential transmit pair drives up to 50 meters of twist-
ed pair AUI cable These outputs are source followers which
require two 270X pull-down resistors to ground In addition
a pulse transformer is required between the transmit pair
output and the AUI interface
The driver allows both half-step and full-step modes for
compatibility with Ethernet I and IEEE 8023 When the SEL
pin is tied to ground (for Ethernet I) TXa is positive with
respect to TXb during idle on the primary side of the isola-
tion transformer (
Figure 6-2 ) When SEL is tied to VCC (for
IEEE 8023) TXa and TXb are equal in the idle state
TLF11722 – 54
FIGURE 63 Manchester Encoded Data Stream
611 Manchester Decoder
The decoder consists of a differential receiver and a phase
lock loop (PLL) to separate the Manchester encoded data
stream into clock signals and NRZ data The differential in-
put must be externally terminated with two 39X resistors
connected in series In addition
a pulse transformer is re-
quired between the receive input pair and the AUI interface
To prevent noise from falsely triggering the decoder a
squelch circuit at the input rejects signals with a magnitude
less than b175 mV Signals more negative than b300 mV
are decoded
Once the input exceeds the squelch requirements the de-
coder begins operation The decoder may tolerate bit jitter
up to 18 ns in the received data The decoder detects the
end of a frame within one and a half bit times after the last
bit of data
612 Collision Translator
When the Ethernet transceiver (DP8392 CTI) detects a colli-
sion it generates a 10 MHz signal to the differential collision
inputs (CDa and CDb) of the SONIC-16 When SONIC-16
detects these inputs active its Collision translator converts
the 10 MHz signal to an active collision signal to the MAC
section This signal causes SONIC-16 to abort its current
transmission and reschedule another transmission attempt
The collision differential inputs are terminated the same way
as the differential receive inputs and a pulse transformer is
required between the collision input pair and the AUI inter-
face The squelch circuitry is also similar rejecting pulses
with magnitudes less than b175 mV
613 Oscillator Inputs
The oscillator inputs to the SONIC-16 (X1 and X2) can be
driven with a parallel resonant crystal or an external clock
In either case the oscillator inputs must be driven with a
20 MHZ signal The signal is divided by 2 to generate the
10 MHz transmit clock (TXC) for the MAC unit The oscilla-
tor also provides internal clock signals for the encoding and
decoding circuits
6131 External Crystal
According to the IEEE 8023 standard the transmit clock
(TXC) must be accurate to 001% This means that the os-
cillator circuit which includes the crystal and other parts
involved must be accurate to 001% after the clock has
been divided in half Hence when using a crystal it is nec-
essary to consider all aspects of the crystal circuit An ex-
ample of a recommended crystal circuit is shown in
Figure
6-4 and suggested oscillator specifications are shown in Ta-
ble 6-1 The load capacitors in
Figure 6-4 C1 and C2
should be no greater than 36 pF each including all stray
capacitance (see note 2 below) The resistor R1 may be
required in order to minimize frequency drift due to changes
in VCC If R1 is required its value must be carefully selected
since R1 decreases the loop gain If R1 is made too large
the loop gain will be greatly reduced and the crystal will not
oscillate If R1 is made too small normal variations in VCC
may cause the oscillation frequency to drift out of specifica-
tion As a first rule of thumb the value of R1 should be
made equal to five times the motional resistance of the crys-
tal The motional resistance of 20 MHz crystals is usually in
the range of 10X to 30X This implies that reasonable val-
ues for R1 should be in the range of 50X to 150X The
decision of whether or not to include R1 should be based
upon measured variations of crystal frequency as each of
the circuit parameters are varied
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com