Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 47Page - National Semiconductor (TI) DP83916 Datasheet HTML 48Page - National Semiconductor (TI) DP83916 Datasheet HTML 49Page - National Semiconductor (TI) DP83916 Datasheet HTML 50Page - National Semiconductor (TI) DP83916 Datasheet HTML 51Page - National Semiconductor (TI) DP83916 Datasheet HTML 52Page - National Semiconductor (TI) DP83916 Datasheet HTML 53Page - National Semiconductor (TI) DP83916 Datasheet HTML 54Page - National Semiconductor (TI) DP83916 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 96 page
background image
50 Bus Interface (Continued)
53 SYSTEM CONFIGURATION
Any device that meets the SONIC-16 interface protocol and
electrical requirements (timing threshold and loading) can
be interfaced to SONIC-16 Since two bus protocols are pro-
vided via the BMODE pin the SONIC-16 can interface di-
rectly to most microprocessors
Figure 5-3 shows a typical
interface to the NationalIntel style bus (BMODEe0) and
Figure 5-4 shows a typical interface to the Motorola style
bus (BMODEe1)
The BMODE pin also controls byte ordering
When
BMODEe1 big endian byte ordering is selected and when
BMODEe0 little endian byte ordering is selected
54 BUS OPERATIONS
There are two types of system bus operations 1) SONIC-16
as a slave and 2) SONIC-16 as a bus master When
SONIC-16 is a slave (eg a CPU accessing SONIC-16 reg-
isters) all transfers are non-DMA When SONIC-16 is a bus
master (eg SONIC-16 accessing receive or transmit buff-
erdescriptor areas) all transfers are block transfers using
SONIC-16’s on-chip DMA
This section describes the
SONIC-16 bus operations Pay special attention to all sec-
tions labeled as ‘‘Note’’ These conditions must be met for
proper bus operation
TLF11722 – 25
FIGURE 5-3 SONIC-16 to NS32532 Interface Example
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com