Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 3Page - National Semiconductor (TI) DP83916 Datasheet HTML 4Page - National Semiconductor (TI) DP83916 Datasheet HTML 5Page - National Semiconductor (TI) DP83916 Datasheet HTML 6Page - National Semiconductor (TI) DP83916 Datasheet HTML 7Page - National Semiconductor (TI) DP83916 Datasheet HTML 8Page - National Semiconductor (TI) DP83916 Datasheet HTML 9Page - National Semiconductor (TI) DP83916 Datasheet HTML 10Page - National Semiconductor (TI) DP83916 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
10 Functional Description (Continued)
Serializer
After data has been written into the 32-byte
transmit FIFO the serializer reads byte wide data from the
FIFO and sends a NRZ data stream to the Manchester en-
coder The rate at which data is transmitted is determined
by the transmit clock (TXC) The serialized data is transmit-
ted after the SFD
Preamble Generator
The preamble generator prefixes a
62-bit alternating ‘‘10’’ pattern and a 2-bit ‘‘11’’ SFD pat-
tern at the beginning of each packet This allows receiving
nodes to synchronize to the incoming data The preamble is
always transmitted in its entirety even in the event of a colli-
sion This assures that the minimum collision fragment is 96
bits (64 bits of normal preamble and 4 bytes or rather 32
bits of the JAM pattern)
CRC Generator
The CRC generator calculates the 4-byte
FCS field from the transmitted serial data stream If en-
abled the 4-byte FCS field is appended to the end of the
transmitted packet (section 26)
Jam Generator
The Jam generator produces a 4-byte pat-
tern of all 1’s to assure that all nodes on the network sense
the collision When a collision occurs the SONIC-16 stops
transmitting data and enables the Jam generator If a colli-
sion occurs during the preamble the SONIC-16 finishes
transmitting the preamble before enabling the Jam genera-
tor (see Preamble Generator above)
13 BYTE ORDERING
The SONIC-16 will operate with 16-bit wide memory The
SONIC-16 provides both Little Endian and Big Endian byte-
ordering capability for compatibility with NationalIntel or
Motorola microprocessors respectively by selecting the
proper level on the BMODE pin The byte ordering is depict-
ed as follows
Little Endian mode (BMODE e 0)
The byte orientation for
received and transmitted data in the Receive Buffer Area
(RBA) and Transmit Buffer Area (TBA) of system memory is
as follows
16-Bit Word
15
8
7
0
Byte 1
Byte 0
MSB
LSB
Big Endian mode (BMODE e 1)
The byte orientation for
received and transmitted data in the RBA and TBA is as
follows
16-Bit Word
15
8
7
0
Byte 0
Byte 1
LSB
MSB
TLF11722 – 6
FIGURE 1-5 Receive FIFO
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com