Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 6Page - National Semiconductor (TI) DP83916 Datasheet HTML 7Page - National Semiconductor (TI) DP83916 Datasheet HTML 8Page - National Semiconductor (TI) DP83916 Datasheet HTML 9Page - National Semiconductor (TI) DP83916 Datasheet HTML 10Page - National Semiconductor (TI) DP83916 Datasheet HTML 11Page - National Semiconductor (TI) DP83916 Datasheet HTML 12Page - National Semiconductor (TI) DP83916 Datasheet HTML 13Page - National Semiconductor (TI) DP83916 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
10 Functional Description (Continued)
4 Program the Receive Control register with the desired re-
ceive filter and the loopback mode (LB1 LB0)
5 Issue the transmit command (TXP) and enable the receiv-
er (RXEN) in the Command register
The SONIC-16 completes the loopback operation after the
packet has been completely received (or rejected if there is
an address mismatch) The Transmit Control and Receive
Control registers treat the loopback packet as in normal op-
eration and indicate status accordingly Interrupts are also
generated if enabled in the Interrupt Mask register
Note
For MAC Loopback only one packet may be queued for proper oper-
ation This restriction occurs because the transmit MAC section
which does not generate an Interframe Gap time (IFG) between
transmitted packets does not allow the receive MAC section to up-
date receive status There are no restrictions for the other loopback
modes
18 NETWORK MANAGEMENT FUNCTIONS
The SONIC-16 fully supports the Layer Management IEEE
8023 standard to allow a node to monitor the overall per-
formance of the network These statistics are available on a
per packet basis at the end of reception or transmission In
addition the SONIC-16 provides three tally counters to tab-
ulate CRC errors Frame Alignment errors and missed
packets Table 1-1 shows the statistics indicated by the
SONIC-16
TLF11722 – 8
Note DSACK01 are used for both Bus and Slave Access Control and are bidirectional SMACK is used for both Slave access and shared memory access The
BMODE pin selects between NationalIntel or Motorola type buses
FIGURE 1-7 SONIC-16 Interface Signals
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com