Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 53Page - National Semiconductor (TI) DP83916 Datasheet HTML 54Page - National Semiconductor (TI) DP83916 Datasheet HTML 55Page - National Semiconductor (TI) DP83916 Datasheet HTML 56Page - National Semiconductor (TI) DP83916 Datasheet HTML 57Page - National Semiconductor (TI) DP83916 Datasheet HTML 58Page - National Semiconductor (TI) DP83916 Datasheet HTML 59Page - National Semiconductor (TI) DP83916 Datasheet HTML 60Page - National Semiconductor (TI) DP83916 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 96 page
background image
50 Bus Interface (Continued)
5452 Memory Cycle for BMODE e 1 Synchronous
Mode
On the rising edge of T1 the SONIC-16 asserts ECS to
indicate that the memory cycle is starting The address
(A31 – A1) bus status (S2 – S0) and the direction strobe
(MRW) are driven and do not change for the remainder of
the memory cycle On the falling edge of T1 the SONIC-16
deasserts ECS and asserts AS
In synchronous mode DSACK01 are sampled on the rising
edge of T2 T2 states will be repeated until DSACK01 are
sampled properly in a low state DSACK01 must meet the
setup and hold times with respect to the rising edge of bus
clock for proper operation
During read cycles (
Figure 5-8 ) data (D15 – D0) is latched at
the falling edge of T2 and DS is asserted at the falling edge
of T1 For write cycles (
Figure 5-9 ) data is driven on the
falling edge of T1 If there are wait states inserted DS is
asserted on the falling edge of T2 The SONIC-16 termi-
nates the memory cycle by deasserting AS and DS at the
falling edge of T2
TLF11722 – 31
FIGURE 5-8 Memory Read BMODEe1 Synchronous (1 Wait-State)
TLF11722 – 33
FIGURE 5-9 Memory Write BMODEe1 Synchronous (1 Wait-State)
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com