Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 88Page - National Semiconductor (TI) DP83916 Datasheet HTML 89Page - National Semiconductor (TI) DP83916 Datasheet HTML 90Page - National Semiconductor (TI) DP83916 Datasheet HTML 91Page - National Semiconductor (TI) DP83916 Datasheet HTML 92Page - National Semiconductor (TI) DP83916 Datasheet HTML 93Page - National Semiconductor (TI) DP83916 Datasheet HTML 94Page - National Semiconductor (TI) DP83916 Datasheet HTML 95Page - National Semiconductor (TI) DP83916 Datasheet HTML 96Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 94 / 96 page
background image
80 AC Timing Test Conditions
All specifications are valid only if the mandatory isolation is
employed and all differential signals are taken to be at the
AUI side of the pulse transformer
Input Pulse Levels (TTLCMOS)
GND to 30V
Input Rise and Fall Times (TTLCMOS)
5 ns
Input and Output Reference
Levels (TTLCMOS)
15V
Input Pulse Levels (Diff)
b
350 mV to b1315 mV
Input and Output
50% Point of
Reference Levels (Diff)
the Differential
TRI-STATE Reference Levels
Float (DV) g05V
OUTPUT LOAD
(See Figure below)
TLF11722 – 83
Note 1
50 pF includes scope and jig capacitance
Note 2
S1 e Open for timing tests for push pull outputs
S1 e VCC for VOL test
S1 e GND for VOH test
S1 e VCC for High Impedance to active low and active low to High
Impedance measurements
S1 e GND for High Impedance to active high and active High to
High Impedance measurements
PIN CAPACITANCE
TA e 25 C f e 1 MHz
Symbol
Parameter
Typ
Units
CIN
Input Capacitance
7
pF
COUT
Output Capacitance
7
pF
DERATING FACTOR
Output timing is measured with a purely capacitive load of
50 pF The following correction factor can be used for other
loads CL t 50 pF a 005 nspF
AUI Transmit Test Load
TLF11722 – 84
Note
In the above diagram the TXa and TXb signals are taken from the
AUI side of the isolation (pulse transformer) The pulse transformer
used for all testing is a selected 100 mH g01% Pulse Engineering
PE64103
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com