Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP83916 Datasheet HTML 1Page - National Semiconductor (TI) DP83916 Datasheet HTML 2Page - National Semiconductor (TI) DP83916 Datasheet HTML 3Page - National Semiconductor (TI) DP83916 Datasheet HTML 4Page - National Semiconductor (TI) DP83916 Datasheet HTML 5Page - National Semiconductor (TI) DP83916 Datasheet HTML 6Page - National Semiconductor (TI) DP83916 Datasheet HTML 7Page - National Semiconductor (TI) DP83916 Datasheet HTML 8Page - National Semiconductor (TI) DP83916 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
Table of Contents
10 FUNCTIONAL DESCRIPTION
11 IEEE 8023 ENDEC Unit
111 ENDEC Operation
112 Selecting an External ENDEC
12 MAC Unit
121 MAC Receive Section
122 MAC Transmit Section
13 Byte Ordering
14 FIFO and Control Logic
141 Receive FIFO
142 Transmit FIFO
15 Status and Configuration Registers
16 Bus Interface
17 Loopback and Diagnostics
171 Loopback Procedure
18 Network Management Functions
20 TRANSMITRECEIVE IEEE 8023
FRAME FORMAT
21 Preamble and Start Of Frame Delimiter (SFD)
22 Destination Address
23 Source Address
24 LengthType Field
25 Data Field
26 FCS Field
27 MAC (Media Access Control) Conformance
30 BUFFER MANAGEMENT
31 Buffer Management Overview
32 Descriptor Areas
321 Naming Convention for Descriptors
322 Abbreviations
323 Buffer Management Base Address
33 Descriptor Data Alignment
34 Receive Buffer Management
341 Receive Resource Area (RRA)
342 Receive Buffer Area (RBA)
343 Receive Descriptor Area (RDA)
344 Receive Buffer Management Initialization
345 Beginning of Reception
346 End of Packet Processing
347 Overflow Conditions
35 Transmit Buffer Management
351 Transmit Descriptor Area (TDA)
352 Transmit Buffer Area (TBA)
353 Preparing to Transmit
354 Dynamically Adding TDA Descriptors
40 SONIC-16 REGISTERS
41 The CAM Unit
411 The Load CAM Command
42 StatusControl Registers
43 Register Description
431 Command Register
432 Data Configuration Register
433 Receive Control Register
434 Transmit Control Register
435 Interrupt Mask Register
436 Interrupt Status Register
437 Data Configuration Register 2
438 Transmit Registers
439 Receive Registers
4310 CAM Registers
4311 Tally Counters
4312 General Purpose Timer
4313 Silicon Revision Register
50 BUS INTERFACE
51 Pin Configurations
52 Pin Description
53 System Configuration
54 Bus Operations
541 Acquiring the Bus
542 Block Transfers
543 Bus Status
544 Bus Mode Compatibility
545 Master Mode Bus Cycles
546 Bus Exceptions (Bus Retry)
547 Slave Mode Bus Cycle
548 On-Chip Memory Arbiter
549 Chip Reset
60 NETWORK INTERFACING
61 Manchester Encoder and Differential Driver
611 Manchester Decoder
612 Collision Translator
613 Oscillator Inputs
70 AC AND DC SPECIFICATIONS
80 AC TIMING TEST CONDITIONS
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com