Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 32Page - National Semiconductor (TI) DP83916 Datasheet HTML 33Page - National Semiconductor (TI) DP83916 Datasheet HTML 34Page - National Semiconductor (TI) DP83916 Datasheet HTML 35Page - National Semiconductor (TI) DP83916 Datasheet HTML 36Page - National Semiconductor (TI) DP83916 Datasheet HTML 37Page - National Semiconductor (TI) DP83916 Datasheet HTML 38Page - National Semiconductor (TI) DP83916 Datasheet HTML 39Page - National Semiconductor (TI) DP83916 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
40 SONIC-16 Registers (Continued)
435 Interrupt Mask Register
(Continued)
(RAk50l e 4h)
Bit
Description
7
TCEN GENERAL PURPOSE TIMER COMPLETE enable
0 disable
1 enables interrupts when the general purpose timer has rolled over from 0000 0000h to FFFF FFFFh
6
RDEEN RECEIVE DESCRIPTORS EXHAUSTED enable
0 disable
1 enables interrupts when all receive descriptors in the RDA have been exhausted
5
RBEEN RECEIVE BUFFERS EXHAUSTED enable
0 disable
1 enables interrupts when all resource descriptors in the RRA have been exhausted
4
RBAEEN RECEIVE BUFFER AREA EXCEEDED enable
0 disable
1 enables interrupts when the SONIC-16 attempts to buffer data beyond the end of the Receive Buffer Area
3
CRCEN CRC TALLY COUNTER WARNING enable
0 disable
1 enables interrupts when the CRC tally counter has rolled over from FFFFh to 0000h
2
FAEEN FRAME ALIGNMENT ERROR (FAE) TALLY COUNTER WARNING enable
0 disable
1 enables interrupts when the FAE tally counter rolled over from FFFFh to 0000h
1
MPEN MISSED PACKET (MP) TALLY COUNTER WARNING enable
0 disable
1 enables interrupts when the MP tally counter has rolled over from FFFFh to 0000h
0
RFOEN RECEIVE FIFO OVERRUN enable
0 disable
1 enables interrupts when the receive FIFO has overrun
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com