Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83916 Datasheet HTML 1Page - National Semiconductor (TI) DP83916 Datasheet HTML 2Page - National Semiconductor (TI) DP83916 Datasheet HTML 3Page - National Semiconductor (TI) DP83916 Datasheet HTML 4Page - National Semiconductor (TI) DP83916 Datasheet HTML 5Page - National Semiconductor (TI) DP83916 Datasheet HTML 6Page - National Semiconductor (TI) DP83916 Datasheet HTML 7Page - National Semiconductor (TI) DP83916 Datasheet HTML 8Page - National Semiconductor (TI) DP83916 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
TLF11722
PRELIMINARY
November 1995
DP83916 SONIC
TM -16
Systems-Oriented Network Interface Controller
General Description
The SONICTM-16 (Systems-Oriented Network Interface
Controller) is a second-generation Ethernet Controller de-
signed to meet the demands of today’s high-speed 16-bit
systems Its system interface operates with a high speed
DMA that typically consumes less than 8% of the bus band-
width Selectable bus modes provide both big and little endi-
an byte ordering and a clean interface to standard micro-
processors The linked-list buffer management system of
SONIC-16 offers maximum flexibility in a variety of environ-
ments from PC-oriented adapters to high-speed mother-
board designs Furthermore the SONIC-16 integrates a ful-
ly-compatible IEEE 8023 EncoderDecoder (ENDEC) al-
lowing for a simple 2-chip solution for Ethernet when the
SONIC-16 is paired with the DP8392 Coaxial Transceiver
Interface
For increased performance the SONIC-16 implements a
unique buffer management scheme to efficiently process
receive and transmit packets in system memory No inter-
mediate packet copy is necessary The receive buffer man-
agement uses three areas in memory for (1) allocating addi-
tional resources (2) indicating status information and (3)
buffering packet data
During reception
the SONIC-16
stores packets in the buffer area then indicates receive
status and control information in the descriptor area The
system allocates more memory resources to the SONIC-16
by adding descriptors to the memory resource area The
transmit buffer management uses two areas in memory
one for indicating status and control information and the
other for fetching packet data The system can create a
transmit queue allowing multiple packets to be transmitted
from a single transmit command The packet data can re-
side on any arbitrary byte boundary and can exist in several
non-contiguous locations
Features
Y
23-bit non-multiplexed address16-bit data bus
Y
High-speed interruptible DMA
Y
Linked-list buffer management maximizes flexibility
Y
Two independent 32-byte transmit and receive FIFOs
Y
Bus compatibility for all standard microprocessors
Y
Supports big and little endian formats
Y
Integrated IEEE 8023 ENDEC
Y
Complete address filtering for up to 16 physical andor
multicast addresses
Y
32-bit general-purpose timer
Y
Full-duplex loopback diagnostics
Y
Fabricated in low-power CMOS
Y
132 PQFP package
Y
Full network management facilities support the IEEE
8023 layer management standard
Y
Integrated support for bridge and repeater applications
System Diagram
IEEE 8023 EthernetThin-Ethernet10BASE-T Station
TLF11722 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
RICTM and SONICTM-16 are trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M16Printed in U S A


Similar Part No. - DP83916

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
190Kb / 12P
SNI Serial Network Interface
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
Serial Network Interface
DP83910A NSC-DP83910A Datasheet
221Kb / 12P
CMOS SNI Serial Network Interface
logo
Texas Instruments
DP83910A TI1-DP83910A Datasheet
265Kb / 14P
DP83910A CMOS SNI Serial Network Interface
logo
National Semiconductor ...
DP83910AN NSC-DP83910AN Datasheet
221Kb / 12P
CMOS SNI Serial Network Interface
More results

Similar Description - DP83916

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83901A NSC-DP83901A Datasheet
705Kb / 62P
Serial Network Interface Controller
DP8390D NSC-DP8390D Datasheet
689Kb / 56P
NIC Network Interface Controller
DP83932C-20 NSC-DP83932C-20 Datasheet
1Mb / 98P
MHz SONICTM Systems-Oriented Network Interface Controller
DP83934CVUL-20 NSC-DP83934CVUL-20 Datasheet
1Mb / 104P
MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
DP83936AVUL-20 NSC-DP83936AVUL-20 Datasheet
1Mb / 104P
Full Duplex SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
logo
Infineon Technologies A...
PEB20321 INFINEON-PEB20321 Datasheet
4Mb / 366P
Multichannel Network Interface Controller for HDLC
Version 2.2 Feb. 2001
logo
Texas Instruments
DP83934 TI1-DP83934 Datasheet
1Mb / 106P
DP83934CVUL-20/25 MHz SONIC(TM)-T Systems-Oriented Network Interface Controller with Twisted Pair Interface
DP8390D TI1-DP8390D Datasheet
943Kb / 58P
NIC Network Interface Controller
logo
Xilinx, Inc
DS543 XILINX-DS543 Datasheet
442Kb / 24P
MOST Network Interface Controller v1.4
logo
Infineon Technologies A...
PEB20256 INFINEON-PEB20256 Datasheet
2Mb / 216P
Multichannel Network Interface Controller for HDLC/PPP
DS2, April 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com