Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 9Page - National Semiconductor (TI) DP83916 Datasheet HTML 10Page - National Semiconductor (TI) DP83916 Datasheet HTML 11Page - National Semiconductor (TI) DP83916 Datasheet HTML 12Page - National Semiconductor (TI) DP83916 Datasheet HTML 13Page - National Semiconductor (TI) DP83916 Datasheet HTML 14Page - National Semiconductor (TI) DP83916 Datasheet HTML 15Page - National Semiconductor (TI) DP83916 Datasheet HTML 16Page - National Semiconductor (TI) DP83916 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
30 Buffer Management
31 BUFFER MANAGEMENT OVERVIEW
The SONIC-16’s buffer management scheme is based on
separate buffers and descriptors (
Figures 3-2 and 3-11 )
Packets that are received or transmitted are placed in buff-
ers called the Receive Buffer Area (RBA) and the Transmit
Buffer Area (TBA) The system keeps track of packets in
these buffers using the information in the Receive Descrip-
tor Area (RDA) and the Transmit Descriptor Area (TDA) A
single (TDA) points to a single TBA but multiple RDAs can
point to a single RBA (one RDA per packet in the buffer)
The Receive Resource Area (RRA) which is another form
of descriptor is used to keep track of the actual buffer
When packets are transmitted the system sets up the pack-
ets in one or more TBAs with a TDA pointing to each TBA
There can only be one packet per TBATDA pair A single
packet however may be made up of several fragments of
data dispersed in memory There is one TDA pointing to
each packet which specifies information about the packet’s
size location in memory number of fragments and status
after transmission The TDAs are linked together in a linked
list The system causes the SONIC-16 to transmit the pack-
ets by passing the first TDA to the SONIC-16 and issuing
the transmit command
Before a packet can be received an RBA and RDA must be
set up by the system RDAs are made up as a linked list
similar to TDAs An RDA is not linked to a particular RBA
though Instead an RDA is linked specifically to a packet
after it has been buffered into an RBA More than one pack-
et can be buffered into the same RBA but each packet gets
its own RDA A received packet can not be scattered into
fragments The system only needs to tell the SONIC-16
where the first RDA and where the RBAs are Since an RDA
never specifically points to an RBA the RRA is used to
keep track of the RBAs The RRA is a circular queue of
pointers and buffer sizes (not a linked list) When the SON-
IC-16 receives a packet it is buffered into a RBA and a RDA
is written to so that it points to and describes the new pack-
et If the RBA does not have enough space to buffer the
next packet a new RBA is obtained from the RRA
32 DESCRIPTOR AREAS
Descriptors are the basis of the buffer management scheme
used by the SONIC-16 A RDA points to a received packet
within a RBA a RRA points to a RBA and a TDA points to a
TBA which contains a packet to be transmitted The con-
ventions and registers used to describe these descriptors
are discussed in the next three sections
321 Naming Convention for Descriptors
The fields which make up the descriptors are named in a
consistent manner to assist in remembering the usage of
each descriptor Each descriptor name consists of three
components in the following format
RXTX descriptor name
field
The first two capital letters indicate whether the descriptor is
used for transmission (TX) or reception (RX) and is then
followed by the descriptor name having one of two names
rsrc e Resource descriptor
pkt e Packet descriptor
The last component consists of a field name to distinguish it
from the other fields of a descriptor The field name is sepa-
rated from the descriptor name by a period (‘‘’’) An exam-
ple of a descriptor is shown below
RX
rsrc
buff
ptr
01
Descriptor consists of two
fields ‘‘0’’ and ‘‘1’’
respectively indicate the
least and most significant
portions of the descriptor
The ‘‘pointer’’ field of the
descriptor
A descriptor for a buffer
resource
A descriptor used for
reception
322 Abbreviations
The abbreviations in Table 3-1 are used to describe the
SONIC-16 registers and data structures in memory The ‘‘0’’
and ‘‘1’’ in the abbreviations indicate the least and most
significant portions of the registers or descriptors Table 3-1
lists the naming convention abbreviations for descriptors
323 Buffer Management Base Addresses
The SONIC-16 uses three areas in memory to store descrip-
tor information the Transmit Descriptor Area (TDA) Re-
ceive Descriptor Area (RDA) and the Receive Resource
Area (RRA) The SONIC-16 accesses these areas by con-
catenating a 16-bit base address register with a 16-bit offset
register The base address register supplies a fixed upper 8
bits of address and the offset registers provide the lower 16
bits of address The base address registers are the Upper
Transmit Descriptor Address (UTDA) Upper Receive De-
scriptor Address (URDA) and the Upper Receive Resource
Address (URRA) registers The corresponding offset regis-
ters are shown below
Upper Address Registers
Offset Registers
URRA
RSAREARWPRRP
URDA
CRDA
UTDA
CTDA
See Table 3-1 for definition of register mnemonics
Figure 3-1 shows an example of the Transmit Descriptor
Area and the Receive Descriptor Area being located by the
UTDA and URDA registers The descriptor areas RDA
TDA and RRA are allowed to have the same base address
ie URRAeURDAeUTDA Care however must be taken
to prevent these areas from overwriting each other
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com