Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 27Page - National Semiconductor (TI) DP83916 Datasheet HTML 28Page - National Semiconductor (TI) DP83916 Datasheet HTML 29Page - National Semiconductor (TI) DP83916 Datasheet HTML 30Page - National Semiconductor (TI) DP83916 Datasheet HTML 31Page - National Semiconductor (TI) DP83916 Datasheet HTML 32Page - National Semiconductor (TI) DP83916 Datasheet HTML 33Page - National Semiconductor (TI) DP83916 Datasheet HTML 34Page - National Semiconductor (TI) DP83916 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
40 SONIC-16 Registers (Continued)
433 Receive Control Register
(RAk50l e 2h)
This register is used to filter incoming packets and provide status information of accepted packets
(Figure 4-6) Setting any of
bits 15 – 11 to a ‘‘1’’ enables the corresponding receive filter If none of these bits are set only packets which match the CAM
Address registers are accepted Bits 10 and 9 control the loopback operations
After reception bits 8 – 0 indicate status information about the accepted packet and are set to ‘‘1’’ when the corresponding
condition is true If the packet is accepted all bits in the RCR are written into the RXpktstatus field Bits 8 – 6 and 3 – 0 are
cleared at the reception of the next packet
This register is unaffected by a software reset
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ERR
RNT
BRD
PRO
AMC
LB1
LB0
MC
BC
LPKT
CRS
COL CRCR FAER
LBK
PRX
rw
rw
rw
rw
rw
rw
rw
r
r
r
r
r
r
r
r
r
reread only rwereadwrite
FIGURE 4-6 Receive Control Register
Field
Meaning
ERR
ACCEPT PACKET WITH ERRORS
RNT
ACCEPT RUNT PACKETS
BRD
ACCEPT BROADCAST PACKETS
PRO
PHYSICAL PROMISCUOUS PACKETS
AMC
ACCEPT ALL MULTICAST PACKETS
LB0LB1
LOOPBACK CONTROL
MC
MULTICAST PACKET RECEIVED
BC
BROADCAST PACKET RECEIVED
LPKT
LAST PACKET IN RBA
CRS
CARRIER SENSE ACTIVITY
COL
COLLISION ACTIVITY
CRCR
CRC ERROR
FAER
FRAME ALIGNMENT ERROR
LBK
LOOPBACK PACKET RECEIVED
PRX
PACKET RECEIVED OK
Bit
Description
15
ERR ACCEPT PACKET WITH CRC ERRORS OR COLLISIONS
0 Reject all packets with CRC errors or when a collision occurs
1 Accept packets with CRC errors and ignore collisions
14
RNT ACCEPT RUNT PACKETS
0 Normal address match mode
1 Accept runt packets (packets less than 64 bytes in length)
Note
A hardware reset clears this bit
13
BRD ACCEPT BROADCAST PACKETS
0 Normal address match mode
1 Accept broadcast packets (packets with addresses that match the CAM are also accepted)
Note
This bit is cleared upon hardware reset
12
PRO PHYSICAL PROMISCUOUS MODE
Enable all Physical Address packets to be accepted
0 Normal address match mode
1 Promiscuous mode
11
AMC ACCEPT ALL MULTICAST PACKETS
0 Normal address match mode
1 Enables all multicast packets to be accepted Broadcast packets are also accepted regardless
of the BRD bit (Broadcast packets are a subset of multicast packets)
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com