Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83916 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83916
Description  SONICTM-16 Systems-Oriented Network Interface Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83916 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP83916 Datasheet HTML 26Page - National Semiconductor (TI) DP83916 Datasheet HTML 27Page - National Semiconductor (TI) DP83916 Datasheet HTML 28Page - National Semiconductor (TI) DP83916 Datasheet HTML 29Page - National Semiconductor (TI) DP83916 Datasheet HTML 30Page - National Semiconductor (TI) DP83916 Datasheet HTML 31Page - National Semiconductor (TI) DP83916 Datasheet HTML 32Page - National Semiconductor (TI) DP83916 Datasheet HTML 33Page - National Semiconductor (TI) DP83916 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 96 page
background image
40 SONIC-16 Registers (Continued)
432 Data Configuration Register
(Continued)
(RAk50l e 1h)
Bit
Description
10
SBUS SYNCHRONOUS BUS MODE
The SBUS bit is used to select the mode of system bus operation when SONIC-16 is a bus master This bit selects
the internal ready line to be either a synchronous or asynchronous input to SONIC-16 during block transfer DMA
operations
0 Asynchronous mode RDYi (BMODE e0) or DSACK01 (BMODE e 1) are respectively internally synchronized
at the falling edge of the bus clock (T2 of the DMA cycle) No setup or hold times need to be met with
respect to this edge to guarantee proper bus operation
1 Synchronous mode RDYi (BMODE e0) and DSACK01 (BMODE e 1) must respectively meet the setup and
hold times with respect to the rising edge of T1 or T2 to guarantee proper bus operation
9 8
USR10 USER DEFINABLE PINS
The USR10 bits report the level of the USR10 signal pins respectively after a chip hardware reset If the USR10
signal pins are at a logical 1 (tied to VCC) during a hardware reset the USR10 bits are set to a 1 If the USR10 pins
are at a logical 0 (tied to ground) during a hardware reset the USR10 bits are set to a 0 These bits are latched on
the rising edge of RST Once set they remain setreset until the next hardware reset
7 6
WC10 WAIT STATE CONTROL
These encoded bits determine the number of additional bus cycles (T2 states) that are added during each DMA
cycle
WC1
WC0
Bus Cycles Added
00
0
01
1
10
2
11
3
5
MUST BE 0
4
BMS BLOCK MODE SELECT FOR DMA
Determines how data is emptied or filled into the Receive or Transmit FIFO
0 Emptyfill mode All DMA transfers continue until either the Receive FIFO has emptied or the Transmit FIFO has
filled completely
1 Block mode All DMA transfers continue until the programmed number of bytes (RFT0 RFT1 during reception or
TF0 TF1 during transmission) have been transferred (See note for TFT0 TFT1)
3 2
RFT1RFT0 RECEIVE FIFO THRESHOLD
These encoded bits determine the number of words (or long words) that are written into the receive FIFO from the
MAC unit before a receive DMA request occurs (See Section 14)
RFT1
RFT0
Threshold
0
0
2 words (4 bytes)
0
1
4 words (8 bytes)
1
0
8 words (16 bytes)
1
1
12 words (24 bytes)
Note
In block mode (BMS bit e 1) the receive FIFO threshold sets the number of words (or long words) written to memory during a receive DMA
block cycle
1 0
TFT1TFT0 TRANSMIT FIFO THRESHOLD
These encoded bits determine the minimum number of words (or long words) the DMA section maintains in the
transmit FIFO A bus request occurs when the number of words drops below the transmit FIFO threshold (See
Section 14)
TFT1
TFT0
Threshold
0
0
4 words (8 bytes)
0
1
8 words (16 bytes)
1
0
12 words (24 bytes)
1
1
14 words (28 bytes)
Note
In block mode (BMS e 1) the number of bytes the SONIC-16 reads in a single DMA burst equals the transmit FIFO threshold value If the
number of words or long words needed to fill the FIFO is less than the threshold value then only the number of reads required to fill the FIFO in a
single DMA burst will be made Typically with the FIFO threshold value set to 12 or 14 words the number of memory reads needed is less than the
FIFO threshold value
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com