Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 218 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 218 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 214Page - Microchip Technology LAN9250 Datasheet HTML 215Page - Microchip Technology LAN9250 Datasheet HTML 216Page - Microchip Technology LAN9250 Datasheet HTML 217Page - Microchip Technology LAN9250 Datasheet HTML 218Page - Microchip Technology LAN9250 Datasheet HTML 219Page - Microchip Technology LAN9250 Datasheet HTML 220Page - Microchip Technology LAN9250 Datasheet HTML 221Page - Microchip Technology LAN9250 Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 421 page
background image
LAN9250
DS00001913A-page 218
 2015 Microchip Technology Inc.
If the full capabilities of the transceiver are advertised (100M, full-duplex), and if the link partner is capable of 10M and
100M, then Auto-Negotiation selects 100M as the highest performance mode. If the link partner is capable of half and
full-duplex modes, then Auto-Negotiation selects full-duplex as the highest performance mode.
Once a capability match has been determined, the link code words are repeated with the acknowledge bit set. Any dif-
ference in the main content of the link code words at this time will cause Auto-Negotiation to re-start. Auto-Negotiation
will also re-start if not all of the required FLP bursts are received.
Writing the PHY Auto-Negotiation Advertisement Register (PHY_AN_ADV) bits [8:5] allows software control of the capa-
bilities advertised by the transceiver. Writing the PHY Auto-Negotiation Advertisement Register (PHY_AN_ADV) does
not automatically re-start Auto-Negotiation. The Restart Auto-Negotiation (PHY_RST_AN) bit of the PHY Basic Control
Register (PHY_BASIC_CONTROL) must be set before the new abilities will be advertised. Auto-Negotiation can also
be disabled via software by clearing the Auto-Negotiation Enable (PHY_AN) bit of the PHY Basic Control Register
(PHY_BASIC_CONTROL).
12.2.6.1
Pause Flow Control
The Host MAC is capable of generating and receiving pause flow control frames per the IEEE 802.3 specification. The
PHY’s advertised pause flow control abilities are set via the Asymmetric Pause and Symmetric Pause bits of the PHY
Auto-Negotiation Advertisement Register (PHY_AN_ADV). This allows the PHY to advertise its flow control abilities and
Auto-Negotiate the flow control settings with its link partner. The default values of these bits are determined via config-
uration straps as defined in Section 12.2.18.5, "PHY Auto-Negotiation Advertisement Register (PHY_AN_ADV)," on
page 238.
12.2.6.2
Parallel Detection
If the device is connected to a device lacking the ability to Auto-Negotiate (i.e. no FLPs are detected), it is able to deter-
mine the speed of the link based on either 100M MLT-3 symbols or 10M Normal Link Pulses. In this case the link is
presumed to be half-duplex per the IEEE 802.3 standard. This ability is known as “Parallel Detection.” This feature
ensures interoperability with legacy link partners. If a link is formed via parallel detection, then the Link Partner Auto-
Negotiation Able bit of the PHY Auto-Negotiation Expansion Register (PHY_AN_EXP) is cleared to indicate that the link
partner is not capable of Auto-Negotiation. If a fault occurs during parallel detection, the Parallel Detection Fault bit of
the PHY Auto-Negotiation Expansion Register (PHY_AN_EXP) is set.
The PHY Auto-Negotiation Link Partner Base Page Ability Register (PHY_AN_LP_BASE_ABILITY) is used to store the
Link Partner Ability information, which is coded in the received FLPs. If the link partner is not Auto-Negotiation capable,
then this register is updated after completion of parallel detection to reflect the speed capability of the link partner.
12.2.6.3
Restarting Auto-Negotiation
Auto-Negotiation can be re-started at any time by setting the Restart Auto-Negotiation (PHY_RST_AN) bit of the PHY
Basic Control Register (PHY_BASIC_CONTROL). Auto-Negotiation will also re-start if the link is broken at any time. A
broken link is caused by signal loss. This may occur because of a cable break, or because of an interruption in the signal
transmitted by the Link Partner. Auto-Negotiation resumes in an attempt to determine the new link configuration.
If the management entity re-starts Auto-Negotiation by setting the Restart Auto-Negotiation (PHY_RST_AN) bit of the
PHY Basic Control Register (PHY_BASIC_CONTROL), the device will respond by stopping all transmission/receiving
operations. Once the internal break_link_time is completed in the Auto-Negotiation state-machine (approximately
1200ms), Auto-Negotiation will re-start. In this case, the link partner will have also dropped the link due to lack of a
received signal, so it too will resume Auto-Negotiation.
Auto-Negotiation is also restarted after the EEPROM Loader updates the straps.
12.2.6.4
Disabling Auto-Negotiation
Auto-Negotiation can be disabled by clearing the Auto-Negotiation Enable (PHY_AN) bit of the PHY Basic Control Reg-
ister (PHY_BASIC_CONTROL). The transceiver will then force its speed of operation to reflect the information in the
PHY Basic Control Register (PHY_BASIC_CONTROL) (Speed Select LSB (PHY_SPEED_SEL_LSB) and Duplex
Mode (PHY_DUPLEX)). These bits are ignored when Auto-Negotiation is enabled.
12.2.6.5
Half Vs. Full-Duplex
Half-duplex operation relies on the CSMA/CD (Carrier Sense Multiple Access / Collision Detect) protocol to handle net-
work traffic and collisions. In this mode, the carrier sense signal, CRS, responds to both transmit and receive activity. If
data is received while the transceiver is transmitting, a collision results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com