Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 219 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 219 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 215Page - Microchip Technology LAN9250 Datasheet HTML 216Page - Microchip Technology LAN9250 Datasheet HTML 217Page - Microchip Technology LAN9250 Datasheet HTML 218Page - Microchip Technology LAN9250 Datasheet HTML 219Page - Microchip Technology LAN9250 Datasheet HTML 220Page - Microchip Technology LAN9250 Datasheet HTML 221Page - Microchip Technology LAN9250 Datasheet HTML 222Page - Microchip Technology LAN9250 Datasheet HTML 223Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 219
LAN9250
In full-duplex mode, the transceiver is able to transmit and receive data simultaneously. In this mode, CRS responds
only to receive activity. The CSMA/CD protocol does not apply and collision detection is disabled.
12.2.7
HP AUTO-MDIX
HP Auto-MDIX facilitates the use of CAT-3 (10 BASE-T) or CAT-5 (100 BASE-T) media UTP interconnect cable without
consideration of interface wiring scheme. If a user plugs in either a direct connect LAN cable or a cross-over patch cable,
as shown in Figure 12-4, the transceiver is capable of configuring the TXPx/TXNx and RXPx/RXNx twisted pair pins for
correct transceiver operation.
The internal logic of the device detects the TX and RX pins of the connecting device. Since the RX and TX line pairs
are interchangeable, special PCB design considerations are needed to accommodate the symmetrical magnetics and
termination of an Auto-MDIX design.
The Auto-MDIX function is enabled using the auto_mdix_strap_1 configuration strap. Manual selection of the cross-over
can be set using the manual_mdix_strap_1 configuration strap. Software based control of the Auto-MDIX function may
be performed using the Auto-MDIX Control (AMDIXCTRL) bit of the PHY Special Control/Status Indication Register
(PHY_SPECIAL_CONTROL_STAT_IND). When AMDIXCTRL is set to 1, the Auto-MDIX capability is determined by the
Auto-MDIX Enable (AMDIXEN) and Auto-MDIX State (AMDIXSTATE) bits of the PHY Special Control/Status Indication
Register (PHY_SPECIAL_CONTROL_STAT_IND).
12.2.8
PHY MANAGEMENT CONTROL
The PHY Management Control block is responsible for the management functions of the PHY, including register access
and interrupt generation. A Serial Management Interface (SMI) is used to support registers as required by the IEEE
802.3 (Clause 22), as well as the vendor specific registers allowed by the specification. The SMI interface consists of
Note:
Auto-MDIX is not used for 100BASE-FX mode.
Note:
When operating in 10BASE-T or 100BASE-TX manual modes, the Auto-MDIX crossover time can be
extended via the Extend Manual 10/100 Auto-MDIX Crossover Time bit of the PHYEDPD NLP / Crossover
Time / EEE Configuration Register (PHY_EDPD_CFG). Refer to Section 12.2.18.12, on page 247 for addi-
tional information.
When Energy Detect Power-Down is enabled, the Auto-MDIX crossover time can be extended via the
EDPD Extend Crossover bit of the PHYEDPD NLP / Crossover Time / EEE Configuration Register
(PHY_EDPD_CFG). Refer to Section 12.2.18.12, on page 247 for additional information
FIGURE 12-4:
DIRECT CABLE CONNECTION VS. CROSS-OVER CABLE CONNECTION
1
2
3
4
5
6
7
8
TXPx
TXNx
RXPx
Not Used
Not Used
RXNx
Not Used
Not Used
1
2
3
4
5
6
7
8
TXPx
TXNx
RXPx
Not Used
Not Used
RXNx
Not Used
Not Used
Direct Connect Cable
RJ-45 8-pin straight-through
for 10BASE-T/100BASE-TX
signaling
1
2
3
4
5
6
7
8
TXPx
TXNx
RXPx
Not Used
Not Used
RXNx
Not Used
Not Used
1
2
3
4
5
6
7
8
TXPx
TXNx
RXPx
Not Used
Not Used
RXNx
Not Used
Not Used
Cross-Over Cable
RJ-45 8-pin cross-over for
10BASE-T/100BASE-TX
signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com