Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 290 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 290 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 286Page - Microchip Technology LAN9250 Datasheet HTML 287Page - Microchip Technology LAN9250 Datasheet HTML 288Page - Microchip Technology LAN9250 Datasheet HTML 289Page - Microchip Technology LAN9250 Datasheet HTML 290Page - Microchip Technology LAN9250 Datasheet HTML 291Page - Microchip Technology LAN9250 Datasheet HTML 292Page - Microchip Technology LAN9250 Datasheet HTML 293Page - Microchip Technology LAN9250 Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 421 page
background image
LAN9250
DS00001913A-page 290
 2015 Microchip Technology Inc.
13.4
EEPROM Loader
The EEPROM Loader interfaces to the I2C EEPROM controller, the PHYs and to the system CSRs (via the Register
Access MUX). All system CSRs are accessible to the EEPROM Loader.
The EEPROM Loader runs upon a pin reset (RST#), power-on reset (POR), digital reset (Digital Reset (DIGITAL_RST)
bit in the Reset Control Register (RESET_CTL)) or upon the issuance of a RELOAD command via the EEPROM Com-
mand Register (E2P_CMD). Refer to Section 6.2, "Resets," on page 38 for additional information on resets.
The EEPROM contents must be loaded in a specific format for use with the EEPROM Loader. An overview of the
EEPROM content format is shown in Table 13-3. Each section of EEPROM contents is discussed in detail in the follow-
ing sections.
13.4.1
EEPROM LOADER OPERATION
Upon a pin reset ((RST#), power-on reset (POR), digital reset (Digital Reset (DIGITAL_RST) bit in the Reset Control
Register (RESET_CTL)) or upon the issuance of a RELOAD command via the EEPROM Command Register
(E2P_CMD), the EEPROM Controller Busy (EPC_BUSY) bit in the EEPROM Command Register (E2P_CMD) will be
set. While the EEPROM Loader is active, the Device Ready (READY) bit of the Hardware Configuration Register
(HW_CFG) is cleared and no writes to the device should be attempted. The operational flow of the EEPROM Loader
can be seen in Figure 13-8.
TABLE 13-3:
EEPROM CONTENTS FORMAT OVERVIEW
EEPROM Address
Description
Value
0
EEPROM Valid Flag
A5h
1
MAC Address Low Word [7:0]
1st Byte on the Network
2
MAC Address Low Word [15:8]
2nd Byte on the Network
3
MAC Address Low Word [23:16]
3rd Byte on the Network
4
MAC Address Low Word [31:24]
4th Byte on the Network
5
MAC Address High Word [7:0]
5th Byte on the Network
6
MAC Address High Word [15:8]
6th Byte on the Network
7
Configuration Strap Values Valid Flag
A5h
8 - 16
Configuration Strap Values
See Table 13-4
17
Burst Sequence Valid Flag
A5h
18
Number of Bursts
See Section 13.4.5, "Register
Data"
19 and above
Burst Data
See Section 13.4.5, "Register
Data"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com