Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 293 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 293 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 289Page - Microchip Technology LAN9250 Datasheet HTML 290Page - Microchip Technology LAN9250 Datasheet HTML 291Page - Microchip Technology LAN9250 Datasheet HTML 292Page - Microchip Technology LAN9250 Datasheet HTML 293Page - Microchip Technology LAN9250 Datasheet HTML 294Page - Microchip Technology LAN9250 Datasheet HTML 295Page - Microchip Technology LAN9250 Datasheet HTML 296Page - Microchip Technology LAN9250 Datasheet HTML 297Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 293
LAN9250
13.4.5
REGISTER DATA
Optionally following the configuration strap values, the EEPROM data may be formatted to allow access to the device’s
parallel, directly writable registers. Access to indirectly accessible registers is achievable with an appropriate sequence
of writes (at the cost of EEPROM space).
This data is first preceded with a Burst Sequence Valid Flag (EEPROM byte 17). If this byte has a value of A5h, the data
that follows is recognized as a sequence of bursts. Otherwise, the EEPROM Loader is finished, will go into a wait state
and clear the EEPROM Controller Busy (EPC_BUSY) bit in the EEPROM Command Register (E2P_CMD). This can
optionally generate an interrupt.
The data at EEPROM byte 18 and above should be formatted in a sequence of bursts. The first byte is the total number
of bursts. Following this is a series of bursts, each consisting of a starting address, count and the count x 4 bytes of data.
This results in the following formula for formatting register data:
8 bits number_of_bursts
repeat (number_of_bursts)
16 bits {starting_address[9:2] / count[7:0]}
repeat (count)
8 bits data[31:24], 8 bits data[23:16], 8 bits data[15:8], 8 bits data[7:0]
Note:
The starting address is a DWORD address. Appending two 0 bits will form the register address.
As an example, the following is a 3 burst sequence, with 1, 2 and 3 DWORDs starting at register addresses 40h, 80h
and C0h respectively:
A5h,
(Burst Sequence Valid Flag)
3h,
(number_of_bursts)
16{10h, 1h},
(starting_address1 divided by 4 / count1)
11h, 12h, 13h, 14h,
(4 x count1 of data)
16{20h, 2h},
(starting_address2 divided by 4 / count2)
21h, 22h, 23h, 24h, 25h, 26h, 27h, 28h,
(4 x count2 of data)
16{30h, 3h},
(starting_address3 divided by 4 / count3)
31h, 32h, 33h, 34h, 35h, 36h, 37h, 38h, 39h, 3Ah, 3Bh, 3Ch
(4 x count3 of data)
In order to avoid overwriting the MAC CSR or MII Management interfaces, the EEPROM Loader waits until the following
bits are cleared before performing any register write:
• Host MAC CSR Busy (HMAC_CSR_BUSY) bit of the Host MAC CSR Interface Command Register (MAC_CS-
R_CMD)
• MII Busy (MIIBZY) bit of the Host MAC MII Access Register (HMAC_MII_ACC)
The EEPROM Loader checks that the EEPROM address space is not exceeded. If so, it will stop and set the EEPROM
Loader Address Overflow (LOADER_OVERFLOW) bit in the EEPROM Command Register (E2P_CMD). The address
limit is based on the eeprom_size_strap which specifies a range of sizes. The address limit is set to the largest value of
the specified range.
13.4.6
EEPROM LOADER FINISHED WAIT-STATE
Once finished with the last burst, the EEPROM Loader will go into a wait-state and the EEPROM Controller Busy
(EPC_BUSY) bit of the EEPROM Command Register (E2P_CMD) will be cleared. This can optionally generate an inter-
rupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com