Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 295 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 295 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 291Page - Microchip Technology LAN9250 Datasheet HTML 292Page - Microchip Technology LAN9250 Datasheet HTML 293Page - Microchip Technology LAN9250 Datasheet HTML 294Page - Microchip Technology LAN9250 Datasheet HTML 295Page - Microchip Technology LAN9250 Datasheet HTML 296Page - Microchip Technology LAN9250 Datasheet HTML 297Page - Microchip Technology LAN9250 Datasheet HTML 298Page - Microchip Technology LAN9250 Datasheet HTML 299Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 295
LAN9250
13.5.1
EEPROM COMMAND REGISTER (E2P_CMD)
This read/write register is used to control the read and write operations of the serial EEPROM.
Offset:
1B4h
Size:
32 bits
Bits
Description
Type
Default
31
EEPROM Controller Busy (EPC_BUSY)
When a 1 is written into this bit, the operation specified in the EPC_COM-
MAND field of this register is performed at the specified EEPROM address.
This bit will remain set until the selected operation is complete. In the case of
a read, this indicates that the Host can read valid data from the EEPROM
Data Register (E2P_DATA). The E2P_CMD and E2P_DATA registers should
not be modified until this bit is cleared. In the case where a write is attempted
and an EEPROM is not present, the EPC_BUSY bit remains set until the
EEPROM Controller Timeout (EPC_TIMEOUT) bit is set. At this time the
EPC_BUSY bit is cleared.
Note:
EPC_BUSY is set immediately following power-up, or pin reset, or
DIGITAL_RST reset. This bit is also set following the setting of the
Host MAC Reset (HMAC_RST) bit in the Reset Control Register
(RESET_CTL). After the EEPROM Loader has finished loading, the
EPC_BUSY bit is cleared. Refer to chapter Section 13.4,
"EEPROM Loader," on page 290 for more information.
R/W
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com