Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 299 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 299 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 295Page - Microchip Technology LAN9250 Datasheet HTML 296Page - Microchip Technology LAN9250 Datasheet HTML 297Page - Microchip Technology LAN9250 Datasheet HTML 298Page - Microchip Technology LAN9250 Datasheet HTML 299Page - Microchip Technology LAN9250 Datasheet HTML 300Page - Microchip Technology LAN9250 Datasheet HTML 301Page - Microchip Technology LAN9250 Datasheet HTML 302Page - Microchip Technology LAN9250 Datasheet HTML 303Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 299
LAN9250
sages and calculates its own delay. While the end-to-end method is the simplest, it does add burden on the master since
the master must process packets from each slave in the system. This is amplified when boundary clocks are replaced
by transparent clocks. Also, the end-to-end delays must be recalculated if there is a change in the network topology.
Using the peer-to-peer method, packets are exchanged only between adjacent master, slaves and transparent clocks.
Each peer pair calculates the receive path delay. As time synchronization packets are forwarded between the master
and the slave, the transparent clock adds the pre-measured receive path delay into the residence time. The final
receiver adds its receive path delay. Using the peer-to-peer method, the full path delay is accounted for without the mas-
ter having to service each slave. The peer-to-peer method better supports network topology changes since each path
delay is kept up-to-date regardless of the port status.
The PTP implementation consists of the following major function blocks:
• PTP Timestamp
This block provides time stamping and packet modification functions.
• 1588 Clock
This block provides a tunable clock that is used as the time source for all PTP timestamp related functions.
• 1588 Clock Events
This block provides clock comparison-based interrupt generation and timestamp related GPIO event generation.
• 1588 GPIOs
This block provides for time stamping GPIO input events and for outputting clock comparison-based interrupt sta-
tus.
• 1588 Interrupt
This block provides interrupt generation, masking and status.
• 1588 Registers
This block provides contains all configuration, control and status registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com