Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 296 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 296 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 292Page - Microchip Technology LAN9250 Datasheet HTML 293Page - Microchip Technology LAN9250 Datasheet HTML 294Page - Microchip Technology LAN9250 Datasheet HTML 295Page - Microchip Technology LAN9250 Datasheet HTML 296Page - Microchip Technology LAN9250 Datasheet HTML 297Page - Microchip Technology LAN9250 Datasheet HTML 298Page - Microchip Technology LAN9250 Datasheet HTML 299Page - Microchip Technology LAN9250 Datasheet HTML 300Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 421 page
background image
LAN9250
DS00001913A-page 296
 2015 Microchip Technology Inc.
30:28
EEPROM Controller Command (EPC_COMMAND)
This field is used to issue commands to the EEPROM controller. The
EEPROM controller will execute a command when the EPC_BUSY bit is set.
A new command must not be issued until the previous command completes.
The field is encoded as follows:
Note:
Only the READ, WRITE and RELOAD commands are valid for I2C mode.
If an unsupported command is attempted, the EPC_BUSY bit will be
cleared and EPC_TIMEOUT will be set.
The EEPROM operations are defined as follows:
READ (Read Location)
This command will cause a read of the EEPROM location pointed to by the EPC_AD-
DRESS bit field. The result of the read is available in the EEPROM Data Register
(E2P_DATA).
WRITE (Write Location)
If erase/write operations are enabled in the EEPROM, this command will cause the
contents of the EEPROM Data Register (E2P_DATA) to be written to the EEPROM
location selected by the EPC_ADDRESS field.
RELOAD (EEPROM Loader Reload)
Instructs the EEPROM Loader to reload the device from the EEPROM. If a value of
A5h is not found in the first address of the EEPROM, the EEPROM is assumed to be
un-programmed and the RELOAD operation will fail. The CFG_LOADED bit indicates
a successful load. Following this command, the device will enter the not ready state.
The Device Ready (READY) bit in the Hardware Configuration Register (HW_CFG)
should be polled to determine then the RELOAD is complete.
R/W
000b
27:19
RESERVED
RO
-
18
EEPROM Loader Address Overflow (LOADER_OVERFLOW)
This bit indicates that the EEPROM Loader tried to read past the end of the
EEPROM address space. This indicates misconfigured EEPROM data.
This bit is cleared when the EEPROM Loader is restarted with a RELOAD
command, Host MAC Reset (HMAC_RESET), or a Digital Reset (DIGI-
TAL_RST).
RO
0b
Bits
Description
Type
Default
[30]
[29]
[28]
Operation
000
READ
0
0
1
RESERVED
0
1
0
RESERVED
011
WRITE
1
0
0
RESERVED
1
0
1
RESERVED
1
1
0
RESERVED
111
RELOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com