Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 12 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 12 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 8Page - Sony Corporation GXB2000 Datasheet HTML 9Page - Sony Corporation GXB2000 Datasheet HTML 10Page - Sony Corporation GXB2000 Datasheet HTML 11Page - Sony Corporation GXB2000 Datasheet HTML 12Page - Sony Corporation GXB2000 Datasheet HTML 13Page - Sony Corporation GXB2000 Datasheet HTML 14Page - Sony Corporation GXB2000 Datasheet HTML 15Page - Sony Corporation GXB2000 Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
S-4
GXB2000
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53 to
59 to
65 to
71 to
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
0xxxxxxx
Number of visible satellites
Value range: 0 to 32
Satellite Nos. used for measurement
8 satellite Nos.
Value range: 0 to 32
Satellite No.: 0 is invalid.
Measurement calculation mode
0: Invalid
1: 2-satellite measurement
2: 3-satellite measurement
3: 4-(or more) satellite measurement
Geodesic system
Value range: 0 to 25
Measurement delay time
Resolution: 0.1s
Value range: 0 to 9
Information for 1st satellite
Satellite No.
Value range: 0 to 32
Azimuth
Resolution: 1°
Value range: 0 to 359°
Angle of elevation
Resolution: 1°
Value range: 0 to 90°
Reception status
0: Searching
1: Acquired
2: Usable for calculation
3: Radio waves cut off; interpolating
4: Satellite Unhealth
5: Currently being used for position calculation
Signal level
Resolution: 1dBHz
Value range: 0 to 100
Information for 2nd satellite
Information for 3rd satellite
Information for 4th satellite
Information for 5th satellite
8
4
10
18
9
20
25
7
31
1
18
0.4s
16
218°
56°
3
100
08
04
0A
12
09
14
19
07
1F
01
12
04
10
01
5A
38
03
64
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com