Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 4 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 4 Page - Sony Corporation

  GXB2000 Datasheet HTML 1Page - Sony Corporation GXB2000 Datasheet HTML 2Page - Sony Corporation GXB2000 Datasheet HTML 3Page - Sony Corporation GXB2000 Datasheet HTML 4Page - Sony Corporation GXB2000 Datasheet HTML 5Page - Sony Corporation GXB2000 Datasheet HTML 6Page - Sony Corporation GXB2000 Datasheet HTML 7Page - Sony Corporation GXB2000 Datasheet HTML 8Page - Sony Corporation GXB2000 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
– 4 –
GXB2000
I/O Connector Pin
Pin Configuration
Pin
No.
Symbol
I/O
Description
1
2
3
4
5
6
7
8
9
10
VCC
RESET
TXD0
RXD0
RXD1
MODE
NC
+BU
NC
GND
I
O
I
I
I
Main power supply.
Reset input for initializing the reception unit.
Measured data output.
Command input.
D-GPS data input.
Communication format switching pin. (L = Sony, H = NMEA0183)
No connection.
Power supply for backup.
Fixed H level.
GND
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit Applicable pins
3V spec.
5V spec.
H level
L level
H level
L level
VDD
Vcc
VIH
VIL
VOH
VOL
IOH = –4mA
IOL = 4mA
+BU = 3V
3.0
4.5
0.7VDD
VDD – 0.8
1.8
5
3.3
5.0
30
3.6
5.5
5.5
0.2VDD
0.4
3.0
70
V
V
V
V
µA
1
2, 4, 5
3
8
8
Supply voltage
Input voltage
Output voltage
Backup supply voltage
Current consumption at backup
Electrical Characteristics
(Topr = –40 to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com