Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 41 Page - Sony Corporation

Part # GXB2000
Description  16-Channel GPS Receiver Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

GXB2000 Datasheet(HTML) 41 Page - Sony Corporation

Back Button GXB2000 Datasheet HTML 37Page - Sony Corporation GXB2000 Datasheet HTML 38Page - Sony Corporation GXB2000 Datasheet HTML 39Page - Sony Corporation GXB2000 Datasheet HTML 40Page - Sony Corporation GXB2000 Datasheet HTML 41Page - Sony Corporation GXB2000 Datasheet HTML 42Page - Sony Corporation GXB2000 Datasheet HTML 43Page - Sony Corporation GXB2000 Datasheet HTML 44Page - Sony Corporation GXB2000 Datasheet HTML 45Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
SS-12
GXB2000
No.
BIT
76543210
Contents
Setting value
Output data
(HEX)
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
01001100
xxxxxxxx
01001100
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
00101110
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
01001100
01001101
01001100
01001100
01001101
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
01001100
xxxxxxxx
xxxxxxxx
xxxxxxxx
xxxxxxxx
00101010
" , "
Longitude direction
"E" or "W"
" , "
GPS Quality Indicator
"0": Invalid
"1": GPS measurement
"2": D-GPS measurement
" , "
Number of satellites used for measurement calculation
"00" to "12"
" , "
HDOP
10's digit
1's digit
" . "
0.1's digit
" , "
Altitude (m)
1,000's digit
100's digit
10's digit
1's digit
" , "
Altitude units
"M"
" , "
" , "
"M"
" , "
D-GPS data elapsed time (s)
100's digit
10's digit
1's digit
" , "
D-GPS reference station ID
1,000's digit
100's digit
10's digit
1's digit
"
∗ "
Fixed
West longitude
Fixed
D-GPS
measurement
Fixed
7-satellite
measurement
Fixed
1.2
Fixed
23m
Fixed
Fixed
Fixed
Fixed
Fixed
Fixed
5s
Fixed
0
Fixed
2C
57
2C
32
2C
30
37
2C
30
31
2E
32
2C
30
30
32
33
2C
4D
2C
2C
4D
2C
30
30
35
2C
30
30
30
30
2A
Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com